Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL502-05SC Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL502-05SC
Description  Low Phase Noise VCXO (12MHz to 25MHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-05SC Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL502-05SC Datasheet HTML 1Page - PhaseLink Corporation PLL502-05SC Datasheet HTML 2Page - PhaseLink Corporation PLL502-05SC Datasheet HTML 3Page - PhaseLink Corporation PLL502-05SC Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PLL502-05
Low Phase Noise VCXO (12MHz to 25MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/17/04 Page 4
PACKAGE INFORMATION
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL502-05 x x
Temperature
C=Commercial
I=Industrial
Package
S=SOIC
Part Number
Order Number
Marking
Package Option
PLL502-05SC
P502-05SC
8-Pin SOIC (Tube)
PLL502-05SC-R
P502-05SC
8-Pin SOIC (Tape and Reel)
C
L
A
8 PIN ( dimensions in mm )
Narrow SOIC
Symbol
Min.
Max.
A
1.47
1.73
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D4.80
4.95
E
3.80
4.00
H
5.80
6.20
L
0.38
1.27
e
1.27 BSC
E
H
D
A
1
e
B


Similar Part No. - PLL502-05SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-00 PLL-PLL502-00 Datasheet
180Kb / 4P
   Multiplier VCXO IC Die for 12 to 25MHz Parallel Resonant Crystals
PLL502-00DC PLL-PLL502-00DC Datasheet
180Kb / 4P
   Multiplier VCXO IC Die for 12 to 25MHz Parallel Resonant Crystals
PLL502-00DI PLL-PLL502-00DI Datasheet
180Kb / 4P
   Multiplier VCXO IC Die for 12 to 25MHz Parallel Resonant Crystals
PLL502-01 PLL-PLL502-01 Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-01OC PLL-PLL502-01OC Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
More results

Similar Description - PLL502-05SC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV0205 ABRACON-ABV0205 Datasheet
57Kb / 4P
   Low Phase Noise VCXO (12MHz to 25MHz)
03/21/05
logo
PhaseLink Corporation
PLL502-25 PLL-PLL502-25 Datasheet
199Kb / 4P
   Low Phase Noise VCXO (12MHz to 27MHz)
logo
Abracon Corporation
ABV0225 ABRACON-ABV0225 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (12MHz to 27MHz)
logo
PhaseLink Corporation
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
   750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-12 PLL-PLL502-12 Datasheet
104Kb / 6P
   96MHz - 200MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystals)
logo
Abracon Corporation
ABV0212 ABRACON-ABV0212 Datasheet
81Kb / 5P
   96MHz ??192MHz Low Phase Noise LVDS VCXO (12 ??25MHz Crystal)
logo
PhaseLink Corporation
PLL502-10 PLL-PLL502-10 Datasheet
138Kb / 8P
   750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-14 PLL-PLL502-14 Datasheet
104Kb / 6P
   192MHz - 400MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystal)
PLL502-11 PLL-PLL502-11 Datasheet
106Kb / 6P
   96MHz - 200MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystals)
logo
Abracon Corporation
ABV0211 ABRACON-ABV0211 Datasheet
84Kb / 5P
   96MHz - 200MHz Low Phase Noise PECL VCXO (12 ??25MHz Crystals)
03/21/05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com