Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL502-25SC Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL502-25SC
Description  Low Phase Noise VCXO (12MHz to 27MHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-25SC Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL502-25SC Datasheet HTML 1Page - PhaseLink Corporation PLL502-25SC Datasheet HTML 2Page - PhaseLink Corporation PLL502-25SC Datasheet HTML 3Page - PhaseLink Corporation PLL502-25SC Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLL502-25
Low Phase Noise VCXO (12MHz to 27MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/17/04 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
XOUT
1
I
Crystal output. See Crystal Specification on page 3.
VDD
2
P
Power supply.
VCON
3
I
Voltage Control input.
GND
4
P
Ground.
CLK
5
O
Output clock.
N/C
6
-
No connection.
N/C
7
-
No connection.
XIN
8
I
Crystal input. See Crystal Specification on page 3.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. DC Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic, with
Loaded Outputs
IDD
FXIN = 12 - 25MHz
Output load of 10pF
16
20
mA
Operating Voltage
VDD
2.25
3.63
V
IOH
VOH= VDD-0.4V, VDD=3.3V
10
mA
Output drive current
IOL
VOL = 0.4V, VDD = 3.3V
10
mA
Short Circuit Current
±50
mA
VCXO Control Voltage
VCON
0
VDD
V


Similar Part No. - PLL502-25SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-21 PLL-PLL502-21 Datasheet
141Kb / 6P
   384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-21SOC PLL-PLL502-21SOC Datasheet
141Kb / 6P
   384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-21SOI PLL-PLL502-21SOI Datasheet
141Kb / 6P
   384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-21SOM PLL-PLL502-21SOM Datasheet
141Kb / 6P
   384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
PLL502-21SSC PLL-PLL502-21SSC Datasheet
141Kb / 6P
   384MHz - 768MHz Low Phase Noise PECL VCXO (12 - 24MHz Crystal)
More results

Similar Description - PLL502-25SC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV0225 ABRACON-ABV0225 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (12MHz to 27MHz)
ABV0205 ABRACON-ABV0205 Datasheet
57Kb / 4P
   Low Phase Noise VCXO (12MHz to 25MHz)
03/21/05
logo
PhaseLink Corporation
PLL502-05 PLL-PLL502-05 Datasheet
200Kb / 4P
   Low Phase Noise VCXO (12MHz to 25MHz)
P521-48 PLL-P521-48 Datasheet
110Kb / 6P
   Low Phase Noise PECL VCXO (27MHz to 65MHz)
P521-49 PLL-P521-49 Datasheet
107Kb / 6P
   Low Phase Noise LVDS VCXO (27MHz to 65MHz)
PLL500-15 PLL-PLL500-15 Datasheet
212Kb / 6P
   Low Phase Noise VCXO (1MHz to 18MHz)
PLL500-17B PLL-PLL500-17B Datasheet
205Kb / 5P
   Low Phase Noise VCXO (17MHz to 36MHz)
PLL502-24 PLL-PLL502-24 Datasheet
93Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
PLL502-03 PLL-PLL502-03 Datasheet
181Kb / 4P
   Low Phase Noise VCXO (48MHz to 100MHz)
logo
Micrel Semiconductor
PL502-02 MICREL-PL502-02 Datasheet
303Kb / 5P
   Low Phase Noise VCXO (24MHz to 50MHz)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com