Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL502-12SOM Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL502-12SOM
Description  96MHz - 200MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystals)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-12SOM Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL502-12SOM Datasheet HTML 1Page - PhaseLink Corporation PLL502-12SOM Datasheet HTML 2Page - PhaseLink Corporation PLL502-12SOM Datasheet HTML 3Page - PhaseLink Corporation PLL502-12SOM Datasheet HTML 4Page - PhaseLink Corporation PLL502-12SOM Datasheet HTML 5Page - PhaseLink Corporation PLL502-12SOM Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary
PLL502-12
96MHz – 200MHz Low Phase Noise LVDS VCXO (12 – 25MHz Crystals)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 7/15/02 Page 1
FEATURES
• Low phase noise output for the 96MHz to
200MHz range (-125 dBc at 10kHz offset).
• LVDS output.
• 12 to 25MHz crystal input.
• Integrated crystal load capacitor: no external
load capacitor required.
• Output Enable selector.
• Wide pull range (min. +/-190 ppm)
• 3.3V operation.
• Available in 16 Pin TSSOP or SOIC.
DESCRIPTION
The PLL502-12 is a monolithic low jitter and low
phase noise (-125dBc/Hz @ 10kHz offset) VCXO IC
with LVDS output, for 96MHz to 200MHz output
range. It allows the control of the output frequency
with an input voltage (VIN), using a low cost crystal.
The chip provides a pullable output at a frequency of
FXIN x 8. This makes the PLL502-12 ideal for a wide
range of applications, including 155.52MHz for
SONET.
PIN CONFIGURATION
FOUT = FXIN x 8
OE (Pin 5)
Output State
0
Tri-state
1 (Default)
Output enabled
BLOCK DIAGRAM
Reference
Divider
Phase
Comparator
Charge
Pump
Loop
Filter
VCO
VCO
Divider
XTAL
OSC
CLKBAR
OE
XIN
XOUT
CLK
VIN
VARICAP
1
2
3
4
5
6
7
8
VDD
9
10
11
12
13
14
15
16
VDD
XIN
XOUT
OE
VIN
GND
GND
VDD
GND_BUF
CLKBAR
VDD_BUF
CLK
GND_BUF
GND
GND


Similar Part No. - PLL502-12SOM

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-10 PLL-PLL502-10 Datasheet
138Kb / 8P
   750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-10DC PLL-PLL502-10DC Datasheet
138Kb / 8P
   750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-10DI PLL-PLL502-10DI Datasheet
138Kb / 8P
   750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-10DM PLL-PLL502-10DM Datasheet
138Kb / 8P
   750kHz - 400MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL502-11 PLL-PLL502-11 Datasheet
106Kb / 6P
   96MHz - 200MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystals)
More results

Similar Description - PLL502-12SOM

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-11 PLL-PLL502-11 Datasheet
106Kb / 6P
   96MHz - 200MHz Low Phase Noise PECL VCXO (12 - 25MHz Crystals)
logo
Abracon Corporation
ABV0211 ABRACON-ABV0211 Datasheet
84Kb / 5P
   96MHz - 200MHz Low Phase Noise PECL VCXO (12 ??25MHz Crystals)
03/21/05
ABX0211 ABRACON-ABX0211 Datasheet
62Kb / 5P
   96MHz ??200MHz Low Phase Noise PECL XO (12 ??25MHz Crystals)
logo
PhaseLink Corporation
PLL602-11 PLL-PLL602-11 Datasheet
198Kb / 5P
   96MHz - 200MHz Low Phase Noise PECL XO (12 - 25MHz Crystals)
logo
Abracon Corporation
ABV0212 ABRACON-ABV0212 Datasheet
81Kb / 5P
   96MHz ??192MHz Low Phase Noise LVDS VCXO (12 ??25MHz Crystal)
logo
PhaseLink Corporation
PLL602-10 PLL-PLL602-10 Datasheet
122Kb / 7P
   96MHz - 400MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PLL502-04 PLL-PLL502-04 Datasheet
180Kb / 4P
   Low Phase Noise VCXO (96MHz to 200MHz)
logo
Abracon Corporation
ABV0204 ABRACON-ABV0204 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (96MHz to 200MHz)
03/21/05
ABX0212 ABRACON-ABX0212 Datasheet
60Kb / 5P
   96MHz -192MHz Low Phase Noise LVDS XO (12 ??25MHz Crystal)
03/21/05
logo
PhaseLink Corporation
PLL602-12 PLL-PLL602-12 Datasheet
196Kb / 5P
   96MHz - 192MHz Low Phase Noise LVDS XO (12 - 25MHz Crystal)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com