Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P702-01XC Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # P702-01XC
Description  Clock Generator for PowerPC Based Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P702-01XC Datasheet(HTML) 2 Page - PhaseLink Corporation

  P702-01XC Datasheet HTML 1Page - PhaseLink Corporation P702-01XC Datasheet HTML 2Page - PhaseLink Corporation P702-01XC Datasheet HTML 3Page - PhaseLink Corporation P702-01XC Datasheet HTML 4Page - PhaseLink Corporation P702-01XC Datasheet HTML 5Page - PhaseLink Corporation P702-01XC Datasheet HTML 6Page - PhaseLink Corporation P702-01XC Datasheet HTML 7Page - PhaseLink Corporation P702-01XC Datasheet HTML 8Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PLL702-01
Clock Generator for PowerPC Based Applications
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 07/18/05 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
CPUDRV_SEL
1
I
CPU drive strength selector pin. The CPU drive strength can be set to 67% of
nominal strength with CPUDRV_SEL = 0. When CPUDRV_SEL = 1, the CPU
drive strength will be 100% of the nominal strength. Internal pull-up of 60k
Ω.
0=connect to GND, 1=leave open.
XIN
2
I
Crystal input to be connected to a 14.31818MHz fundamental crystal (CL =
20pF, parallel resonant mode). Load capacitors have been integrated on the
chip. No external Load capacitor is required.
XOUT/ ASIC2_OE
3
B
Bi-directional pin. Upon power-on, the value of ASIC2_OE is latched in and
used to enable / disable the ASIC2A and ASIC2B outputs (outputs are
enabled if ASIC2_OE=1, otherwise, outputs are in tri-state). Internal pull-up of
120 k
Ω. After the input has been latched-in, the pin serves as Crystal
connection.
VDD_ANA / GND_ANA
VDD_DIG / GND_DIG
4, 5, 16,
24
P
3.3V power supply and GND.
VDD_xxx / GND_xxx
for USB, CPU, PCI,
ASIC1 and ASIC2
6, 8, 9,
10, 12,
15, 18,
20, 21, 23
P
CPU, PCI, ASIC1 and ASIC2 outputs have separate power supply pins (VDD
and GND). VDD_CPU, VDD_ASIC1 and VDD_ASIC2 can accept 3.3V and/or
2.5V power supply. Other VDD pins are to be supplied 3.3V
PCI / PCI_SEL
7
B
Bi-directional pin. Upon power-on, the value of PCI_SEL is latched in and
used to select the PCI clock output (see frequency table on p.1). PCI output is
disabled (tri-state) when PCI_SEL=1. PCI clock will be 33MHz (min.
31.25MHz) if PCI_SEL=M (not connected), and 66MHz (min. 62.5MHz) if
PCI_SEL=0. 0=15k
Ω to GND, M=leave open, 1=15kΩ to VDD_PCI
USB /
USB_SEL
11
B
Bi-directional pin. Upon power-on, the value of USB_SEL is latched in and
used to select the USB output (see USB selection table on page 3). After the
input has been latched-in, the pin serves as USB (48, 30 or 12 MHz) output.
0=15k
Ω to GND, M=leave open, 1=15kΩ to VDD_USB
ASIC2A and ASIC2B
13, 14
O
ASIC clock signal output pins. ASIC2A and ASIC2B will have the same
frequency as CPU. These outputs can be disabled through ASIC2_OE.
ASIC1_SEL
17
I
ASIC1 frequency select input pin (see also frequency table on p.1). ASIC1 will
have the same frequency as CPU if ASIC1_SEL = 1, and have half of CPU if
ASIC_SEL = 0. Internal pull-up of 60 k
Ω. 0=connect to GND, 1=leave open
ASIC1
19
O
ASIC1 output pin (see frequency table on p.1 and ASIC1_SEL pin
description).
CPU
22
O
CPU clock signal output pin. The CPU clock frequency is selected as per the
frequency table on page 1, depending on the value of CLK_SEL(0:1).
Selectable drive strength through CPUDRV_SEL.
SSC(0:1)
25, 26
I
Bi-level input with Pull-up for SST control (see Spread Spectrum selection
table on p.3). 0=connect to GND, 1=leave open.
CLK_SEL(0:1)
27, 28
I
Tri-level inputs for CPU clock frequency selection (see table on p.1).
0=connect to GND, M=not connected, 1=connect to VDD_ANA.


Similar Part No. - P702-01XC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P702-02XC PLL-P702-02XC Datasheet
306Kb / 7P
   Low EMI Peripheral Clock Generator for Notebook & Motherboards
P702-02XCL PLL-P702-02XCL Datasheet
306Kb / 7P
   Low EMI Peripheral Clock Generator for Notebook & Motherboards
P702-05SC PLL-P702-05SC Datasheet
244Kb / 6P
   Low EMI Peripheral Clock Generator for Notebook
P702-06SC PLL-P702-06SC Datasheet
279Kb / 8P
   Clock Generator for Printer Applications
P702-06SCL PLL-P702-06SCL Datasheet
279Kb / 8P
   Clock Generator for Printer Applications
More results

Similar Description - P702-01XC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9855 MOTOROLA-MPC9855 Datasheet
267Kb / 12P
   Clock Generator for PowerQUICC and PowerPC Microprocessors
logo
Integrated Circuit Syst...
ICS9342 ICST-ICS9342 Datasheet
175Kb / 10P
   133MHz Clock Generator and Integrated Buffer for PowerPC?
ICS9341 ICST-ICS9341 Datasheet
207Kb / 9P
   133MHz Clock Generator and Integrated Buffer for PowerPC?
logo
Texas Instruments
CDC5806 TI-CDC5806 Datasheet
112Kb / 8P
[Old version datasheet]   THREE PLLs BASED CLOCK GENERATOR FOR DIGITAL TV APPLICATIONS
logo
Renesas Technology Corp
MPC9824 RENESAS-MPC9824 Datasheet
456Kb / 13P
   Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2019
logo
Integrated Circuit Syst...
ICS9178-03 ICST-ICS9178-03 Datasheet
526Kb / 8P
   245 MHz Clock Generator and Integrated Buffer for PowerPC
logo
Renesas Technology Corp
MPC9817 RENESAS-MPC9817 Datasheet
283Kb / 8P
   Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2012
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
   Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
logo
List of Unclassifed Man...
UT8586SC ETC1-UT8586SC Datasheet
87Kb / 6P
   CLOCK GENERATOR FOR PENTIUM BASED SYSTEM
logo
PhaseLink Corporation
PLL702-06 PLL-PLL702-06 Datasheet
279Kb / 8P
   Clock Generator for Printer Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com