Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL701-14SI Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL701-14SI
Description  Low EMI Spread Spectrum 6x Multiplier Clock
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-14SI Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL701-14SI Datasheet HTML 1Page - PhaseLink Corporation PLL701-14SI Datasheet HTML 2Page - PhaseLink Corporation PLL701-14SI Datasheet HTML 3Page - PhaseLink Corporation PLL701-14SI Datasheet HTML 4Page - PhaseLink Corporation PLL701-14SI Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PLL701-14
Low EMI Spread Spectrum 6x Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 08/12/04 Page 3
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. DC/AC Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Voltage
VDD
2.97
3.63
V
Input High Voltage
VIH
0.7* VDD
V
Input Low Voltage
VIL
0.3* VDD
V
Input High Current
IIH
100
µA
Input Low Current
IIL
100
µA
Output High Voltage
VOH
IOH=5mA, VDD =3.3V
2.4
V
Output Low Voltage
VOL
IOL=6mA, VDD =3.3V
0.4
V
FXIN
When using a crystal
10
30
MHz
Input Frequency
FIN
When using reference clock
10
30
MHz
Maximum interruption of FIN
When using reference clock
100
µs
Load Capacitance
CL
Between XIN and XOUT*
18
pF
Short Circuit Current
Isc
50
mA
3.3V Dynamic Supply Current
ICC
No Load
20
mA
*Note: Pin XIN and XOUT each has a 36pF capacitance. When used with a XTAL, the two capacitors combined load the crystal with 18pF. If driving
XIN with a reference clock signal, the load capacitance will be 36pF (typical).


Similar Part No. - PLL701-14SI

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-10 PLL-PLL701-10 Datasheet
235Kb / 8P
   Low EMI Spread Spectrum Multiplier IC (in Die or Package)
PLL701-10DC PLL-PLL701-10DC Datasheet
235Kb / 8P
   Low EMI Spread Spectrum Multiplier IC (in Die or Package)
PLL701-10DI PLL-PLL701-10DI Datasheet
235Kb / 8P
   Low EMI Spread Spectrum Multiplier IC (in Die or Package)
PLL701-10XC PLL-PLL701-10XC Datasheet
235Kb / 8P
   Low EMI Spread Spectrum Multiplier IC (in Die or Package)
PLL701-10XC-R PLL-PLL701-10XC-R Datasheet
235Kb / 8P
   Low EMI Spread Spectrum Multiplier IC (in Die or Package)
More results

Similar Description - PLL701-14SI

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABE0114 ABRACON-ABE0114 Datasheet
55Kb / 5P
   Low EMI Spread Spectrum 6x Multiplier Clock
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
ABE0113 ABRACON-ABE0113 Datasheet
50Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com