Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P701-11SC Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # P701-11SC
Description  Low EMI Spread Spectrum Multiplier Clock
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P701-11SC Datasheet(HTML) 4 Page - PhaseLink Corporation

  P701-11SC Datasheet HTML 1Page - PhaseLink Corporation P701-11SC Datasheet HTML 2Page - PhaseLink Corporation P701-11SC Datasheet HTML 3Page - PhaseLink Corporation P701-11SC Datasheet HTML 4Page - PhaseLink Corporation P701-11SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PLL701-11
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/17/06 Page 4
3. TIMING CHARACTERISTICS
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Rise Time
Tr
Measured at 0.8V ~ 2.0V @ 3.3V
0.8
0.95
1.1
ns
Fall Time
Tf
Measured at 2.0V ~ 0.8V @ 3.3V
0.78
0.85
0.9
ns
Output Duty Cycle
DT
45
50
55
%
Input to Output Delay
2
4
ns
Cycle to Cycle Jitter
Tcyc-cyc
Over output frequency range @ 3.3V
100
ps
FUNCTIONAL DESCRIPTION
Selectable spread spectrum and modulation rates
The PLL701-11 provides selectable spread spectrum modulation, as well as selectable modulation rate. Selection
is made by connecting specific pins to a logical “zero” or “one”, according to the output clock selection table and
modulation rate selection table on page 1.
Pins 2 (S2), 3 (S1), 4 (S0), and 7 (S3) are used as inputs to select the spread spectrum modulation and
multiplication factor as shown on the output clock selection table (page 1).
Default values for S(0:3) through internal pull-up and pull-down resistor
Selection pins S0 and S3 have an internal pull-down resistor of 30k
Ω, pins 2 and 3 (S1 and S2) have an internal
pull-up resistor of 30k
Ω. This internal pull-up (or pull-down) resistor will pull the input value to a logical “one” (or
“zero” respectively) by default, i.e. when no resistive load is connected between the pin and GND (VDD
respectively). In order to override the internal pull-up (pull-down), the pin has to be connected to GND (VDD
respectively).


Similar Part No. - P701-11SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P701-10DC PLL-P701-10DC Datasheet
235Kb / 8P
   Low EMI Spread Spectrum Multiplier IC (in Die or Package)
P701-10XC PLL-P701-10XC Datasheet
235Kb / 8P
   Low EMI Spread Spectrum Multiplier IC (in Die or Package)
P701-13SC PLL-P701-13SC Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
P701-14SC PLL-P701-14SC Datasheet
195Kb / 5P
   Low EMI Spread Spectrum 6x Multiplier Clock
P701-17SC PLL-P701-17SC Datasheet
209Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results

Similar Description - P701-11SC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
ABE0113 ABRACON-ABE0113 Datasheet
50Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0121 ABRACON-ABE0121 Datasheet
50Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-17 PLL-PLL701-17 Datasheet
209Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com