Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL601-26SC Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL601-26SC
Description  Audio Clock Generator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL601-26SC Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL601-26SC Datasheet HTML 1Page - PhaseLink Corporation PLL601-26SC Datasheet HTML 2Page - PhaseLink Corporation PLL601-26SC Datasheet HTML 3Page - PhaseLink Corporation PLL601-26SC Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Preliminary
PLL601-26
Audio Clock Generator
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 1
FEATURES
• Supports the following output frequencies
o
12.288MHz audio clock output
o
24.576MHz audio clock output
o
27MHz reference output
• Accepts Crystal or reference clock inputs
o
Fundamental crystal: 27MHz
o
Reference input: 27MHz
• On-the-fly switching of the two audio frequencies
(12.288MHz, and 24.576MHz).
• Accepts <1.0V reference signal input voltage
• Single 2.5V or 3.3V ± 10% power supply
• Available in 8-Pin SOIC GREEN/RoHS compliant
Package.
DESCRIPTION
The PLL601-26 is a low cost integrated XO IC
designed to work with a fundamental 27MHz crystal
or a clock input. In addition to a 27MHz clock
reference output, it provides two selectable audio
frequencies (12.288MHz, and 24.576MHz), making
the chip ideal for handheld, STB and MPEG Video
applications. Additional system frequencies can also
be supported by cascading the PLL601-26 with
PhaseLink’s QTC programmable clock family.
PACKAGE PIN CONFIGURATION
Note: ^: Internal pull-up resistor. The internal pull-up resistor
results in a default high value when no pull-down resistor is
connected to this pin.
AUDIO CLOCK SELECTION
FSEL
ACLK (MHz)
0
12.288
1(Default)
24.576
BLOCK DIAGRAM
1
2
3
45
6
7
8
XOUT
VDD
GND
27MHz
XIN/FIN
DNC
ACLK
FSEL^


Similar Part No. - PLL601-26SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL601-22 PLL-PLL601-22 Datasheet
183Kb / 4P
   27MHz Multiple output XO with Audio Clock
PLL601-22XC PLL-PLL601-22XC Datasheet
183Kb / 4P
   27MHz Multiple output XO with Audio Clock
PLL601-22XC-R PLL-PLL601-22XC-R Datasheet
183Kb / 4P
   27MHz Multiple output XO with Audio Clock
PLL601-22XCL PLL-PLL601-22XCL Datasheet
183Kb / 4P
   27MHz Multiple output XO with Audio Clock
PLL601-22XCL-R PLL-PLL601-22XCL-R Datasheet
183Kb / 4P
   27MHz Multiple output XO with Audio Clock
More results

Similar Description - PLL601-26SC

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8128C AKM-AK8128C Datasheet
174Kb / 8P
   Audio Clock Generator
logo
Gennum Corporation
GS2971A GENNUM-GS2971A Datasheet
4Mb / 152P
   Integrated audio clock generator
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
GS1671A GENNUM-GS1671A Datasheet
9Mb / 136P
   Integrated audio clock generator
logo
Maxim Integrated Produc...
MAX9485 MAXIM-MAX9485 Datasheet
858Kb / 16P
   Programmable Audio Clock Generator
Rev 0; 7/04
logo
Cypress Semiconductor
W48C20 CYPRESS-W48C20 Datasheet
92Kb / 4P
   Audio Subsystem Clock Generator
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
   Multi Clock Generator for Audio
logo
Integrated Circuit Syst...
ICS9120-47 ICST-ICS9120-47 Datasheet
107Kb / 5P
   Modem and Audio Clock Generator
logo
Asahi Kasei Microsystem...
AK8138MV AKM-AK8138MV Datasheet
310Kb / 10P
   Multi Clock Generator for Audio
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com