Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL701-05SC Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PLL701-05SC
Description  Low EMI Spread Spectrum Multiplier Clock
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-05SC Datasheet(HTML) 3 Page - PhaseLink Corporation

  PLL701-05SC Datasheet HTML 1Page - PhaseLink Corporation PLL701-05SC Datasheet HTML 2Page - PhaseLink Corporation PLL701-05SC Datasheet HTML 3Page - PhaseLink Corporation PLL701-05SC Datasheet HTML 4Page - PhaseLink Corporation PLL701-05SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Preliminary
PLL701-05
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 09/26/02 Page 3
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
VSS
-0.5
6
V
Input Voltage Range
VI
VSS
-0.5
VDD
+0.5
V
Output Voltage Range
VO
VSS
-0.5
VDD
+0.5
V
Soldering Temperature
260
°C
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
*
Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for INDUSTRIAL grade only.
2. DC/AC Specification
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Voltage
VDD
3.15
3.45
V
Input High Voltage
VIH
0.7*VDD
V
Input Low Voltage
VIL
0.3*VDD
V
Input High Current
IIH
100
µA
Input Low Current
IIL
100
µA
Output High Voltage
VOH
IOH=5mA, VDD=3.3V
2.4
Output Low Voltage
VOL
IOL=6mA, VDD=3.3V
0.4
Input Frequency
FIN
30
120
MHz
Maximum interruption of FIN
100
µs
Input Capacitance
Cin1
4
pF
Pull-up Resistor
Rpu
PIN 2, 3
60
125
200
K
Pull-down Resistor
Rpd
PIN 4, 7
60
125
200
K
Short Circuit Current
Isc
25
mA
3.3V Dynamic Supply Current
ICC
No Load
20
mA


Similar Part No. - PLL701-05SC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-02 PLL-PLL701-02 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-04 PLL-PLL701-04 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-06 PLL-PLL701-06 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-0XSC PLL-PLL701-0XSC Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results

Similar Description - PLL701-05SC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
ABE0113 ABRACON-ABE0113 Datasheet
50Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0121 ABRACON-ABE0121 Datasheet
50Kb / 4P
   Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
PhaseLink Corporation
PLL701-17 PLL-PLL701-17 Datasheet
209Kb / 5P
   Low EMI Spread Spectrum Multiplier Clock
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com