Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL601-03OM Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL601-03OM
Description  Low Phase Noise PLL Clock Multiplier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL601-03OM Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL601-03OM Datasheet HTML 1Page - PhaseLink Corporation PLL601-03OM Datasheet HTML 2Page - PhaseLink Corporation PLL601-03OM Datasheet HTML 3Page - PhaseLink Corporation PLL601-03OM Datasheet HTML 4Page - PhaseLink Corporation PLL601-03OM Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Preliminary
PLL601-03
Low Phase Noise PLL Clock Multiplier
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 06/15/01 Page 4
3. DC Specification
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Voltage
VDD
3.135
3.465
V
Input High Voltage
VIH
2
V
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
For XIN pin
(VDD/2)
+ 1
VDD/2
V
Input Low Voltage
VIL
For XIN pin
VDD/2
(VDD/2)
− 1
V
Output High Voltage
VOH
IOH = -25mA
2.4
V
Output Low Voltage
VOL
IOL = 25mA
0.4
V
Output High Voltage At
CMOS Level
VOH
IOH = -8mA
VDD-0.4
V
Operating Supply Current
IDD
No Load
35
mA
Short-circuit Current
IS
±120
mA
Input Capacitance
CIN
OE, Select Pins
5
pF
4. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
Parallel Fundamental Mode
10
30
MHz
Crystal Loading Capacitance
Rating
CL (xtal)
15
pF


Similar Part No. - PLL601-03OM

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL601-01 PLL-PLL601-01 Datasheet
201Kb / 5P
   Low Phase Noise PLL Clock Multiplier
PLL601-01OC PLL-PLL601-01OC Datasheet
201Kb / 5P
   Low Phase Noise PLL Clock Multiplier
PLL601-01OC-R PLL-PLL601-01OC-R Datasheet
201Kb / 5P
   Low Phase Noise PLL Clock Multiplier
PLL601-01SC PLL-PLL601-01SC Datasheet
201Kb / 5P
   Low Phase Noise PLL Clock Multiplier
PLL601-01SC-R PLL-PLL601-01SC-R Datasheet
201Kb / 5P
   Low Phase Noise PLL Clock Multiplier
More results

Similar Description - PLL601-03OM

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
   Low Phase Noise PLL Clock Multiplier
logo
PhaseLink Corporation
PLL601-01 PLL-PLL601-01 Datasheet
201Kb / 5P
   Low Phase Noise PLL Clock Multiplier
PLL601-15 PLL-PLL601-15 Datasheet
83Kb / 5P
   Low Phase Noise PLL Clock Multiplier
logo
Abracon Corporation
ABX0102 ABRACON-ABX0102 Datasheet
56Kb / 4P
   Low Phase Noise PLL Clock Multiplier
logo
PhaseLink Corporation
PLL601-02 PLL-PLL601-02 Datasheet
200Kb / 4P
   Low Phase Noise PLL Clock Multiplier
logo
Integrated Circuit Syst...
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
   Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
   Low Phase Noise Clock Multiplier
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
   LOW PHASE NOISE CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com