Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P600-27FSC Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # P600-27FSC
Description  Low Power 5 Output XO 10MHz to 52MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P600-27FSC Datasheet(HTML) 2 Page - PhaseLink Corporation

  P600-27FSC Datasheet HTML 1Page - PhaseLink Corporation P600-27FSC Datasheet HTML 2Page - PhaseLink Corporation P600-27FSC Datasheet HTML 3Page - PhaseLink Corporation P600-27FSC Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Preliminary
PLL600-27F
Low Power 5 Output XO 10MHz to 52MHz
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 08/12/04 Page 2
PIN DESCRIPTION
Name
Pin #
Type
Description
XIN
1
I
Crystal Input or Reference Clock input ( 10MHz to 52MHz ).
GND
2,4,6,13
P
Ground.
CLK1
3
O
Buffered clock output.
CLK2
5
O
Buffered clock output.
N/C
7
-
No connection.
CLK3
8
O
Buffered clock output.
VDD
9,11
P
Power supply.
CLK4
10
O
Buffered clock output.
CLK5
12
O
Buffered clock output.
XOUT
14
O
Crystal output.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. AC Electrical Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Crystal Frequency
10
52
MHz
Settling time
At power-up
(Vdd reaches 1.62V)
10
ms
0.8V ~ 2.0V with 10 pF load
1.15
Output Clock Rise/Fall Time
0.3V ~ 3.0V with 15 pF load
2.4
ns
VDD sensitivity
Frequency vs. VDD +/- 10%
0.8
0.8
ppm
Output Clock Duty Cycle
Measured @ 1.4V
45
50
55
%
Short Circuit Current
±50
mA


Similar Part No. - P600-27FSC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P600-27BSC PLL-P600-27BSC Datasheet
203Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
P600-27BSCL PLL-P600-27BSCL Datasheet
203Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
P600-27BTC PLL-P600-27BTC Datasheet
203Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
P600-27MSC PLL-P600-27MSC Datasheet
192Kb / 4P
   Dual XO with 4 CMOS Outputs 10MHz to 52MHz
P600-27SC PLL-P600-27SC Datasheet
185Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
More results

Similar Description - P600-27FSC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX0027F ABRACON-ABX0027F Datasheet
54Kb / 4P
   Low Power 5 Output XO 10MHz to 52MHz
logo
PhaseLink Corporation
PLL600-27T-37T PLL-PLL600-27T-37T Datasheet
196Kb / 4P
   Low Power 3 Outputs XO 10MHz to 52MHz
logo
Abracon Corporation
ABX0027T ABRACON-ABX0027T Datasheet
50Kb / 4P
   Low Power 3 Outputs XO 10MHz to 52MHz
03/21/05
logo
PhaseLink Corporation
PLL600-27M PLL-PLL600-27M Datasheet
192Kb / 4P
   Dual XO with 4 CMOS Outputs 10MHz to 52MHz
logo
Abracon Corporation
ABX0027M ABRACON-ABX0027M Datasheet
54Kb / 4P
   Dual XO with 4 CMOS Outputs 10MHz to 52MHz
logo
Micrel Semiconductor
PL600-27T MICREL-PL600-27T Datasheet
358Kb / 7P
   Low Power 3 Output XO
logo
Abracon Corporation
ABV0251 ABRACON-ABV0251 Datasheet
58Kb / 5P
   Low Phase Noise VCXO (20MHz to 52MHz)
logo
Intersil Corporation
HA7210 INTERSIL-HA7210_05 Datasheet
314Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
HA7210 INTERSIL-HA7210 Datasheet
127Kb / 15P
   10kHz to 10MHz, Low Power Crystal Oscillator
February 1999
logo
PhaseLink Corporation
PLL502-51 PLL-PLL502-51 Datasheet
203Kb / 5P
   Low Phase Noise VCXO (20MHz to 52MHz)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com