Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL620-30 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL620-30
Description  PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL620-30 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL620-30 Datasheet HTML 1Page - PhaseLink Corporation PLL620-30 Datasheet HTML 2Page - PhaseLink Corporation PLL620-30 Datasheet HTML 3Page - PhaseLink Corporation PLL620-30 Datasheet HTML 4Page - PhaseLink Corporation PLL620-30 Datasheet HTML 5Page - PhaseLink Corporation PLL620-30 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PLL620-30
PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com Rev 11/09/04 Page 2
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied.
*
Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. Crystal Specifications
3. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current (Loaded
Outputs)
IDD
PECL/LVDS
100/80
mA
Operating Voltage
VDD
2.97
3.63
V
Output Clock Duty Cycle
@ 1.25V (LVDS)
@ VDD – 1.3V (PECL)
45
45
50
50
55
55
%
Short Circuit Current
±50
mA
4. Jitter Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Period jitter RMS
77.76MHz
2.5
ps
Period jitter peak-to-peak
77.76MHz
18.5
ps
Integrated jitter RMS
Integrated 12 kHz to 20 MHz at 77.76MHz
0.5
ps
5. Phase Noise Specifications
PARAMETERS
FREQUENCY
@10Hz
@100Hz
@1kHz
@10kHz
@100kHz
UNITS
Phase Noise relative
to carrier
77.76MHz
-75
-95
-125
-145
-155
dBc/Hz
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CX+
2
Built-in Capacitance
CX-
2
Inter-electrode capacitance
C0
65MHz to 130MHz
(VDD=3.3V)
2.6
pF
Oscillation Frequency
OF
Fund.
65
130
MHz


Similar Part No. - PLL620-30

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL620-38 PLL-PLL620-38 Datasheet
219Kb / 6P
   PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PLL620-39 PLL-PLL620-39 Datasheet
219Kb / 6P
   PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PLL620-3XOC PLL-PLL620-3XOC Datasheet
219Kb / 6P
   PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PLL620-3XOC-R PLL-PLL620-3XOC-R Datasheet
219Kb / 6P
   PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
PLL620-3XOCL PLL-PLL620-3XOCL Datasheet
219Kb / 6P
   PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
More results

Similar Description - PLL620-30

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL620-38 PLL-PLL620-38 Datasheet
219Kb / 6P
   PECL and LVDS Low Phase Noise XO (32.5 to 130MHz output)
logo
Abracon Corporation
ABX2038 ABRACON-ABX2038 Datasheet
70Kb / 6P
   PECL and LVDS Low Phase Noise XO (for 65-130MHz Output)
03/21/05
logo
PhaseLink Corporation
P521-38 PLL-P521-38 Datasheet
110Kb / 6P
   Low Phase Noise PECL VCXO (65MHz to 130MHz)
PLL520-38-39 PLL-PLL520-38-39 Datasheet
248Kb / 7P
   PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
logo
Abracon Corporation
ABV2038 ABRACON-ABV2038 Datasheet
83Kb / 7P
   PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
logo
PhaseLink Corporation
PLL520-30 PLL-PLL520-30 Datasheet
490Kb / 7P
   PECL and LVDS Low Phase Noise VCXO (for 65-130MHz Fund Xtal)
P521-39 PLL-P521-39 Datasheet
107Kb / 6P
   Low Phase Noise LVDS VCXO (65MHz to 130MHz)
PLL602-38N PLL-PLL602-38N Datasheet
196Kb / 4P
   4x Low Phase Noise Multiplier PECL XO
PL623-38 PLL-PL623-38 Datasheet
216Kb / 6P
   Low Phase Noise XO (for 3rd O.T.) For 65-130MHz
logo
Micrel Semiconductor
PL500-37 MICREL-PL500-37 Datasheet
322Kb / 6P
   Low Phase Noise VCXO (36MHz to 130MHz)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com