Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX29LV017AXEC-90 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MX29LV017AXEC-90
Description  16M-BIT [2Mx8] CMOS SINGLE VOLTAGE
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MX29LV017AXEC-90 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MX29LV017AXEC-90 Datasheet HTML 3Page - List of Unclassifed Manufacturers MX29LV017AXEC-90 Datasheet HTML 4Page - List of Unclassifed Manufacturers MX29LV017AXEC-90 Datasheet HTML 5Page - List of Unclassifed Manufacturers MX29LV017AXEC-90 Datasheet HTML 6Page - List of Unclassifed Manufacturers MX29LV017AXEC-90 Datasheet HTML 7Page - List of Unclassifed Manufacturers MX29LV017AXEC-90 Datasheet HTML 8Page - List of Unclassifed Manufacturers MX29LV017AXEC-90 Datasheet HTML 9Page - List of Unclassifed Manufacturers MX29LV017AXEC-90 Datasheet HTML 10Page - List of Unclassifed Manufacturers MX29LV017AXEC-90 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
7
P/N:PM0901
MX29LV017A
REV. 1.0, NOV. 22, 2002
QUERY COMMAND AND COMMON FLASH
INTERFACE(CFI) MODE
MX29LV017A is capable of operating in the CFI mode.
This mode all the host system to determine the manu-
facturer of the device such as operating parameters and
configuration.Two commands are required in CFI mode.
Query command of CFI mode is placed first, then the
Reset command exits CFI mode. These are described
in Table 3.
The single cycle Query command is valid only when the
device is in the Read mode, including Erase Suspend,
Standby mode, and Automatic Select mode; however, it
is ignored otherwise.
The Reset command exits from the CFI mode to the
Read mode, or Erase Suspend mode, or Automatic Se-
lect mode. The command is valid only when the device
is in the CFI mode.
Table 3-1. CFI mode: Identification Data Values
(All values in these tables are in hexadecimal)
Description
Address
Data
Query-unique ASCII string "QRY"
10
51
11
52
12
59
Primary vendor command set and control interface ID code
13
02
14
00
Address for primary algorithm extended query table
15
40
16
00
Alternate vendor command set and control interface ID code (none)
17
00
18
00
Address for secondary algorithm extended query table (none)
19
00
1A
00
Table 3-2. CFI Mode: System Interface Data Values
(All values in these tables are in hexadecimal)
Description
Address
Data
VCC supply, minimum (2.7V)
1B
27
VCC supply, maximum (3.6V)
1C
36
VPP supply, minimum (none)
1D
00
VPP supply, maximum (none)
1E
00
Typical timeout for single word/byte write (2N us)
1F
04
Typical timeout for Minimum size buffer write (2N us) (not supported)
20
00
Typical timeout for individual sector erase (2N ms)
21
0A
Typical timeout for full chip erase (2N ms)
22
00
Maximum timeout for single word/byte write times (2N X Typ)
23
05
Maximum timeout for buffer write times (2N X Typ)
24
00
Maximum timeout for individual sector erase times (2N X Typ)
25
04
Maximum timeout for full chip erase times (not supported)
26
00


Similar Part No. - MX29LV017AXEC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV017BTC-70 MCNIX-MX29LV017BTC-70 Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV017BTC-70G MCNIX-MX29LV017BTC-70G Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV017BTC-90 MCNIX-MX29LV017BTC-90 Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV017BTC-90G MCNIX-MX29LV017BTC-90G Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV017AXEC-90

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV017B MCNIX-MX29LV017B Datasheet
340Kb / 55P
   16M-BIT [2Mx8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160CT MCNIX-MX29LV160CT Datasheet
921Kb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV161T MCNIX-MX29LV161T Datasheet
995Kb / 58P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160AT MCNIX-MX29LV160AT Datasheet
1Mb / 66P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV160B MCNIX-MX29LV160B Datasheet
762Kb / 63P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX26LV160 MCNIX-MX26LV160 Datasheet
700Kb / 48P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
MX26LV160AT MCNIX-MX26LV160AT Datasheet
741Kb / 61P
   16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY BOOT SECTOR HIGH SPEED eLiteFlashTM MEMORY
logo
Fujitsu Component Limit...
MBM29DL161BE FUJITSU-MBM29DL161BE Datasheet
1Mb / 75P
   16M (2MX8/1MX16) BIT Dual Operation
logo
Lyontek Inc.
LY62L102616 LYONTEK-LY62L102616_17 Datasheet
715Kb / 13P
   16M Bits ( 2Mx8 / 1Mx16 Switchable ) LOW POWER CMOS SRAM
LY62L102616A LYONTEK-LY62L102616A_13 Datasheet
169Kb / 13P
   16M Bits ( 2Mx8 / 1Mx16 Switchable) LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com