Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9169-50CX Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9169-50CX
Description  100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9169-50CX Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9169-50CX Datasheet HTML 4Page - Richtek Technology Corporation RT9169-50CX Datasheet HTML 5Page - Richtek Technology Corporation RT9169-50CX Datasheet HTML 6Page - Richtek Technology Corporation RT9169-50CX Datasheet HTML 7Page - Richtek Technology Corporation RT9169-50CX Datasheet HTML 8Page - Richtek Technology Corporation RT9169-50CX Datasheet HTML 9Page - Richtek Technology Corporation RT9169-50CX Datasheet HTML 10Page - Richtek Technology Corporation RT9169-50CX Datasheet HTML 11Page - Richtek Technology Corporation RT9169-50CX Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
RT9169
Preliminary
www.richtek-ic.com.tw
DS9169-02 October 2001
10
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.889
1.295
0.035
0.051
A1
--
0.152
--
0.006
B
1.397
1.803
0.055
0.071
b
0.356
0.508
0.014
0.020
C
2.591
2.997
0.102
0.118
D
2.692
3.099
0.106
0.122
e
1.803
2.007
0.071
0.079
H
0.102
0.254
0.004
0.010
L
0.356
0.610
0.014
0.024
SOT-23 Plastic Surface Mount
L
H
b
A
A1
D
e
B
C


Similar Part No. - RT9169-50CX

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169-50GB RICHTEK-RT9169-50GB Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-50GV RICHTEK-RT9169-50GV Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-50GVL RICHTEK-RT9169-50GVL Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-50GX RICHTEK-RT9169-50GX Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-50GZL RICHTEK-RT9169-50GZL Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
More results

Similar Description - RT9169-50CX

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101 Datasheet
262Kb / 15P
   150mA, 4uA Quiescent Current Regulator
logo
Unisonic Technologies
LR1101 UTC-LR1101_15 Datasheet
292Kb / 7P
   QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Analog Devices
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
logo
ON Semiconductor
FAN2500 ONSEMI-FAN2500 Datasheet
890Kb / 14P
   100 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
2007
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
   250 mA Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702_09 Datasheet
473Kb / 32P
   250 mA Low Quiescent Current LDO Regulator
2009
MCP1702 MICROCHIP-MCP1702_13 Datasheet
437Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
08/04/10
MCP1702T-4102E MICROCHIP-MCP1702T-4102E Datasheet
708Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
12/08/06
MCP1703 MICROCHIP-MCP1703_11 Datasheet
745Kb / 32P
   250 mA, 16V, Low Quiescent Current LDO Regulator
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com