Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5C4009LLCW-883C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AS5C4009LLCW-883C
Description  SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS5C4009LLCW-883C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AS5C4009LLCW-883C Datasheet HTML 1Page - List of Unclassifed Manufacturers AS5C4009LLCW-883C Datasheet HTML 2Page - List of Unclassifed Manufacturers AS5C4009LLCW-883C Datasheet HTML 3Page - List of Unclassifed Manufacturers AS5C4009LLCW-883C Datasheet HTML 4Page - List of Unclassifed Manufacturers AS5C4009LLCW-883C Datasheet HTML 5Page - List of Unclassifed Manufacturers AS5C4009LLCW-883C Datasheet HTML 6Page - List of Unclassifed Manufacturers AS5C4009LLCW-883C Datasheet HTML 7Page - List of Unclassifed Manufacturers AS5C4009LLCW-883C Datasheet HTML 8Page - List of Unclassifed Manufacturers AS5C4009LLCW-883C Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SRAM
AS5C4009LL
Austin Semiconductor, Inc.
AS5C4009LL
Rev. 4.0 2/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
5
AC TEST CONDITIONS
Input pulse levels ................................... Vss to 3.0V
Input rise and fall times ....................................... 3ns
Input timing reference levels ............................. 1.5V
Output reference levels ..................................... 1.5V
Output load ......................................... See Figures 1
NOTES
1.
Overshoot: Vcc +3.0V for pulse width < 20ms.
2.
Undershoot: -3V for pulse width < 20ms.
3.
I
CC is dependent on output loading and cycle rates.
4.
This parameter is guaranteed but not tested.
5.
Test conditions as specified with the output loading
as shown in Fig. 1 unless otherwise noted.
6.
At any given temperature and voltage condition,
t
HZCE
is less than
t
LZCE
, and
t
HZWE
is less than
t
LZWE
.
7.
WE\ is HIGH for READ cycle.
8.
Device is continuously selected. Chip enables and
output enables are held in their active state.
9.
Address valid prior to, or coincident with, latest
occurring chip enable.
10. tRC = Read Cycle Time.
11. Chip enable and write enable can initiate and
terminate a WRITE cycle.
12. Output enable (OE\) is inactive (HIGH).
13. Output enable (OE\) is active (LOW).
14. ASI does not warrant functionality nor reliability of
any product in which the junction temperature
exceeds 150°C. Care should be taken to limit power to
acceptable levels.
15. All voltage referenced to Vss (GND).
Fig. 1 Output Load Equivalent
DATA RETENTION ELECTRICAL CHARACTERISTICS
DESCRIPTION
SYMBOL
MIN
MAX
UNITS
NOTES
VCC for Retention Data
VDR
2V
CE\ > (VCC - 0.2V)
VCC = 2V
ICCDR
100
µA
VIN > (VCC - 0.2V)
VCC = 3V
ICCDR
200
µA
Chip Deselect to Data
Retention Time
tCDR
0ns
4
Operation Recovery Time
tR
5
ms
4, 10
Data Retention Current
CONDITIONS
167 ohms
1.73V
C=30pF
Q
C = 100pF
50 ohms


Similar Part No. - AS5C4009LLCW-883C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
logo
Austin Semiconductor
AS5C4009 AUSTIN-AS5C4009 Datasheet
108Kb / 12P
   512K x 8 SRAM Ultra Low Power SRAM
logo
Micross Components
AS5C4009 MICROSS-AS5C4009 Datasheet
162Kb / 12P
   Three state outputs
logo
List of Unclassifed Man...
AS5C4009CW-100/H ETC1-AS5C4009CW-100/H Datasheet
134Kb / 12P
   SRAM
logo
Austin Semiconductor
AS5C4009CW-100/H AUSTIN-AS5C4009CW-100/H Datasheet
108Kb / 12P
   512K x 8 SRAM Ultra Low Power SRAM
More results

Similar Description - AS5C4009LLCW-883C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS5C4009 ETC1-AS5C4009 Datasheet
134Kb / 12P
   SRAM
logo
Austin Semiconductor
MT5C1001 AUSTIN-MT5C1001 Datasheet
166Kb / 13P
   SRAM
AS8S512K32 AUSTIN-AS8S512K32 Datasheet
227Kb / 12P
   SRAM
MT5C2564 AUSTIN-MT5C2564 Datasheet
125Kb / 11P
   SRAM
logo
Integrated Silicon Solu...
IS61NF25632 ISSI-IS61NF25632 Datasheet
155Kb / 20P
   SRAM
logo
Austin Semiconductor
MT5C1005 AUSTIN-MT5C1005 Datasheet
182Kb / 13P
   256K x 4 SRAM SRAM MEMORY ARRAY
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
List of Unclassifed Man...
WPS512K8 ETC1-WPS512K8 Datasheet
184Kb / 5P
   512Kx8 SRAM
logo
ARTSCHIP ELECTRONICS CO...
M48T08 ARTSCHIP-M48T08 Datasheet
7Mb / 27P
   TIMEKEEPER SRAM
logo
Sharp Corporation
LH525C9N SHARP-LH525C9N Datasheet
449Kb / 17P
   256K SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com