Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9169-50CZT Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9169-50CZT
Description  100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9169-50CZT Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9169-50CZT Datasheet HTML 2Page - Richtek Technology Corporation RT9169-50CZT Datasheet HTML 3Page - Richtek Technology Corporation RT9169-50CZT Datasheet HTML 4Page - Richtek Technology Corporation RT9169-50CZT Datasheet HTML 5Page - Richtek Technology Corporation RT9169-50CZT Datasheet HTML 6Page - Richtek Technology Corporation RT9169-50CZT Datasheet HTML 7Page - Richtek Technology Corporation RT9169-50CZT Datasheet HTML 8Page - Richtek Technology Corporation RT9169-50CZT Datasheet HTML 9Page - Richtek Technology Corporation RT9169-50CZT Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RT9169
Preliminary
www.richtek-ic.com.tw
DS9169-02 October 2001
6
Typical Operating Charateristics
Temperature Stability
1.7
2.1
2.5
2.9
3.3
3.7
-50
-25
0
25
50
75
100
125
Temperature ( C)
°
VOUT = 3.3V
VOUT = 1.8V
Quiescient Current
0
1
2
3
4
5
-30
0
30
60
90
120
Temperature ( C)
°
VIN = 5V
Dropout Voltage (VIN-VOUT)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
20
40
60
80
100
ILOAD (mA)
125
°C
VOUT = 3.3V
25
°C
Short Circuit Current
0
100
200
300
400
500
012
3
45
Input/Output Differential (V)
125
°C
25
°C
PSRR
-70
-60
-50
-40
-30
-20
-10
0
Frequency (Hz)
50mA
10mA
10
100
1K
10K
100K
1M
CIN = 1
µF
COUT = 1
µF Electrolytic Capacitor
VIN = 5V
VOUT = 3.3V
TA = 25
°C
PSRR
-70
-60
-50
-40
-30
-20
-10
0
Frequency (Hz)
50mA
10mA
10
100
1K
10K
100K
1M
CIN = 1
µF
COUT = 1
µF Electrolytic Capacitor
VIN = 5V
VOUT = 1.8V
TA = 25
°C


Similar Part No. - RT9169-50CZT

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169-50GB RICHTEK-RT9169-50GB Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-50GV RICHTEK-RT9169-50GV Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-50GVL RICHTEK-RT9169-50GVL Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-50GX RICHTEK-RT9169-50GX Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
RT9169-50GZL RICHTEK-RT9169-50GZL Datasheet
136Kb / 9P
   100mA, 4關A Quiescent Current CMOS LDO Regulator
More results

Similar Description - RT9169-50CZT

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5101 ANPEC-APL5101 Datasheet
262Kb / 15P
   150mA, 4uA Quiescent Current Regulator
logo
Unisonic Technologies
LR1101 UTC-LR1101_15 Datasheet
292Kb / 7P
   QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Analog Devices
ADP120 AD-ADP120 Datasheet
535Kb / 20P
   100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
logo
ON Semiconductor
FAN2500 ONSEMI-FAN2500 Datasheet
890Kb / 14P
   100 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
2007
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
   250 mA Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702_09 Datasheet
473Kb / 32P
   250 mA Low Quiescent Current LDO Regulator
2009
MCP1702 MICROCHIP-MCP1702_13 Datasheet
437Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
08/04/10
MCP1702T-4102E MICROCHIP-MCP1702T-4102E Datasheet
708Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
12/08/06
MCP1703 MICROCHIP-MCP1703_11 Datasheet
745Kb / 32P
   250 mA, 16V, Low Quiescent Current LDO Regulator
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com