Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG1030EJ Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMEG1030EJ
Description  10V, 3 A ULTRA LOW V-f MEGA SCHOTTKY BARRIER RECTIFIERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG1030EJ Datasheet(HTML) 5 Page - NXP Semiconductors

  PMEG1030EJ Datasheet HTML 1Page - NXP Semiconductors PMEG1030EJ Datasheet HTML 2Page - NXP Semiconductors PMEG1030EJ Datasheet HTML 3Page - NXP Semiconductors PMEG1030EJ Datasheet HTML 4Page - NXP Semiconductors PMEG1030EJ Datasheet HTML 5Page - NXP Semiconductors PMEG1030EJ Datasheet HTML 6Page - NXP Semiconductors PMEG1030EJ Datasheet HTML 7Page - NXP Semiconductors PMEG1030EJ Datasheet HTML 8Page - NXP Semiconductors PMEG1030EJ Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
9397 750 15078
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 2 June 2005
5 of 9
Philips Semiconductors
PMEG1030EH; PMEG1030EJ
10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
8.
Package outline
9.
Packing information
[1]
For further information and the availability of packing methods, see Section 16.
Tamb =25 °C; f = 1 MHz
Fig 3.
Diode capacitance as a function of reverse voltage; typical values
VR (V)
010
8
46
2
006aaa292
70
90
50
110
130
Cd
(pF)
30
Fig 4.
Package outline SOD123F
Fig 5.
Package outline SOD323F (SC-90)
04-11-29
Dimensions in mm
1.2
1.0
0.25
0.10
3.6
3.4
2.7
2.5
0.55
0.35
0.70
0.55
1.7
1.5
1
2
04-09-13
Dimensions in mm
0.80
0.65
0.25
0.10
0.5
0.3
2.7
2.3
1.8
1.6
0.40
0.25
1.35
1.15
1
2
Table 9:
Packing methods
The -xxx numbers are the last three digits of the 12NC ordering code. [1]
Type number
Package
Description
Packing quantity
3000
10000
PMEG1030EH
SOD123F
4 mm pitch, 8 mm tape and reel
-115
-135
PMEG1030EJ
SOD323F
4 mm pitch, 8 mm tape and reel
-115
-135


Similar Part No. - PMEG1030EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG1030EJ PHILIPS-PMEG1030EJ Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PMEG1030EJ PHILIPS-PMEG1030EJ Datasheet
101Kb / 10P
   10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
logo
Nexperia B.V. All right...
PMEG1030EJ NEXPERIA-PMEG1030EJ Datasheet
182Kb / 8P
   10 V, 3 A ultra low VF Schottky barrier rectifier
21 April 2023
logo
NXP Semiconductors
PMEG1030EJ115 PHILIPS-PMEG1030EJ115 Datasheet
101Kb / 10P
   10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
More results

Similar Description - PMEG1030EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG1030EJ115 PHILIPS-PMEG1030EJ115 Datasheet
101Kb / 10P
   10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG1030EH NXP-PMEG1030EH_10 Datasheet
113Kb / 9P
   10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG1030EH PHILIPS-PMEG1030EH_15 Datasheet
113Kb / 9P
   10 V, 3 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG3020EJ PHILIPS-PMEG3020EJ Datasheet
58Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-31 May 2005
PMEG3020EH NXP-PMEG3020EH Datasheet
114Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-4 February 2010
PMEG3015EH NXP-PMEG3015EH_10 Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
PMEG1020EH NXP-PMEG1020EH Datasheet
113Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04-15 January 2010
PMEG3015EH PHILIPS-PMEG3015EH_15 Datasheet
115Kb / 9P
   30 V, 1.5 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-13 January 2010
PMEG1020EH PHILIPS-PMEG1020EH Datasheet
56Kb / 9P
   10 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 03-14 April 2005
logo
Nexperia B.V. All right...
PMEG3020EH NEXPERIA-PMEG3020EH Datasheet
685Kb / 9P
   30 V, 2 A ultra low VF MEGA Schottky barrier rectifiers
Rev. 04 - 4 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com