Electronic Components Datasheet Search |
|
MAX6133BASA Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
MAX6133BASA Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 13 page 3ppm/°C, Low-Power, Low-Dropout Voltage Reference 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS—MAX6133_25 (VOUT = 2.500V) (VIN = 5V, CLOAD = 0.1µF, IOUT = 0, TA = TMIN to TMAX. Typical values are at TA = +25°C, unless otherwise noted.) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Voltage (with Respect to GND) IN ........................................................................-0.3V to +13V OUT..............................................-0.3V to +6V or (VIN + 0.3V) OUT Short Circuit to IN or GND Duration ...............................60s Continuous Power Dissipation (TA = +70°C) 8-Pin µMAX (derate 5.5mW/°C above +70°C) .............362mW 8-Pin SO (derate 5.88mW/°C above +70°C)................471mW Operating Temperature Range .........................-40°C to +125°C Storage Temperature Range .............................-65°C to +150°C Junction Temperature ......................................................+150°C Lead Temperature (soldering, 10s) .................................+300°C PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS A grade SO 2.4990 2.5000 2.5010 B grade SO 2.4980 2.5000 2.5020 Output Voltage VOUT TA = +25 °C µMAX 2.4985 2.5000 2.5015 V A grade SO -0.04 +0.04 B grade SO -0.08 +0.08 Output Voltage Accuracy TA = +25 °C µMAX -0.06 +0.06 % TA = -40°C to +85 °C1 3 A grade SO TA = -40°C to +125 °C4 7 TA = -40°C to +85 °C3 5 B grade SO TA = -40°C to +125 °C5 10 TA = -40°C to +85 °C1 5 Output Voltage Temperature Coefficient (Note 1) TCVOUT µMAX TA = -40°C to +125 °C2 7 ppm/°C Input Voltage Range VIN Inferred from line regulation 2.7 12.6 V Line Regulation ∆VOUT/∆VIN 2.7V ≤ VIN ≤ 12.6V 2 30 µV/V Load Regulation ∆VOUT/∆IOUT -100µA ≤ IOUT ≤ 15mA 0.003 0.05 mV/mA ∆VOUT = 0.1%, IOUT = 1mA 0.02 0.2 Dropout Voltage (Note 2) VDO ∆VOUT = 0.1%, IOUT = 10mA 0.2 0.4 V TA = +25 °C40 60 Quiescent Supply Current IIN TA = -40 °C to +125°C85 µA Short to GND: VOUT = 0V 90 Output Short-Circuit Current ISC Short to VIN: VOUT = VIN -2 mA 0.1Hz ≤ f ≤ 10Hz 16 µVP-P Output Voltage Noise en 10Hz ≤ f ≤ 1kHz 12 µVRMS Turn-On Settling Time tON VOUT settles to ±0.01% of final value 500 µs Thermal Hysteresis (Note 3) 120 ppm SO 40 Long-Term Stability ∆t = 1000 hours µMAX 145 ppm |
Similar Part No. - MAX6133BASA |
|
Similar Description - MAX6133BASA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |