Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P601-02OC Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # P601-02OC
Description  Low Phase Noise PLL Clock Multiplier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P601-02OC Datasheet(HTML) 2 Page - PhaseLink Corporation

  P601-02OC Datasheet HTML 1Page - PhaseLink Corporation P601-02OC Datasheet HTML 2Page - PhaseLink Corporation P601-02OC Datasheet HTML 3Page - PhaseLink Corporation P601-02OC Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PLL601-02
Low Phase Noise PLL Clock Multiplier
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
CLK
1
O
Clock output from VCO. Equals the input frequency times multiplier.
REFEN
2
I
Reference clock enable. When Low, it disables REFOUT. When High, it
enables REFOUT.
VDD
3,4,5
P
Power Supply.
XOUT
6
O
Crystal Connection.
S1
7
I
Multiplier Select Pin 1. Determines CLK output. Has internal pull-up.
XIN
8
I
Crystal input to be connected to 10-27MHz fundamental parallel mode crys-
tal (CL=15pF). On chip load capacitors: No external capacitor required.
GND
9,14,15,16
P
Ground.
S3
10
I
Multiplier Select Pin 3. Determines CLK output. Has internal pull-up.
S0
11
I
Multiplier Select Pin 0. Determines CLK output. Has internal pull-up.
OE
12
I
Output Enable. Tri-state CLK and REFOUT when low. Has internal pull-up.
REFOUT
13
O
Buffered crystal oscillator clock output. Controlled by REFEN.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, dc
VI
-0.5
VDD+0.5
V
Output Voltage, dc
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
°C
Ambient Operating Temperature*
TA
-40
85
°C
Junction Temperature
TJ
125
°C
Lead Temperature (soldering, 10s)
260
°C
ESD Protection, Human Body Model
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the
device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other con-
ditions above the operational limits noted in this specification is not implied.
* Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. AC Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Frequency
10
27
MHz
Output Frequency
At 3.3V
160
MHz
Output Rise Time
0.8V to 2.0V with no load
1.5
ns
Output Fall Time
2.0V to 0.8V with no load
1.5
ns
Duty Cycle
@ 50% VDD
45
50
55
%


Similar Part No. - P601-02OC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
P601-01OC PLL-P601-01OC Datasheet
201Kb / 5P
   Low Phase Noise PLL Clock Multiplier
P601-01SC PLL-P601-01SC Datasheet
201Kb / 5P
   Low Phase Noise PLL Clock Multiplier
More results

Similar Description - P601-02OC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
   Low Phase Noise PLL Clock Multiplier
logo
PhaseLink Corporation
PLL601-01 PLL-PLL601-01 Datasheet
201Kb / 5P
   Low Phase Noise PLL Clock Multiplier
PLL601-15 PLL-PLL601-15 Datasheet
83Kb / 5P
   Low Phase Noise PLL Clock Multiplier
PLL601-03 PLL-PLL601-03 Datasheet
85Kb / 5P
   Low Phase Noise PLL Clock Multiplier
logo
Abracon Corporation
ABX0102 ABRACON-ABX0102 Datasheet
56Kb / 4P
   Low Phase Noise PLL Clock Multiplier
logo
Integrated Circuit Syst...
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
   Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
   Low Phase Noise Clock Multiplier
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
   LOW PHASE NOISE CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com