Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P680-37OC Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # P680-37OC
Description  38-640MHz Low Phase Noise XO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P680-37OC Datasheet(HTML) 2 Page - PhaseLink Corporation

  P680-37OC Datasheet HTML 1Page - PhaseLink Corporation P680-37OC Datasheet HTML 2Page - PhaseLink Corporation P680-37OC Datasheet HTML 3Page - PhaseLink Corporation P680-37OC Datasheet HTML 4Page - PhaseLink Corporation P680-37OC Datasheet HTML 5Page - PhaseLink Corporation P680-37OC Datasheet HTML 6Page - PhaseLink Corporation P680-37OC Datasheet HTML 7Page - PhaseLink Corporation P680-37OC Datasheet HTML 8Page - PhaseLink Corporation P680-37OC Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
(Preliminary)
PL680-37/38/39
38-640MHz Low Phase Noise XO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 2
OUTPUT ENABLE LOGICAL LEVELS
Part #
OE
State
0 (Default)
Output enabled
PL680-38 (PECL)
1
Tri-state
0
Tri-state
PL680-37 & 39 (CMOS or LVDS)
1 (Default)
Output enabled
PIN DESCRIPTIONS
Name
TSSOP
Pin number
3x3mm QFN
Pin number
Type
Description
VDDANA
1
11
P
VDD for analog Circuitry.
XIN
2
12
I
Crystal input pin. (See Crystal Specifications on page 3).
XOUT
3
13
O
Crystal output pin. (See Crystal Specifications on page 3).
SEL2
4
14
I
Output frequency Selector pin.
OE_CTRL
5
15
I
Output enable control pin. (See OE_CTRL Logic Levels on page
1).
DNC
6
16
-
Do Not Connect
GNDANA
7
1
P
Ground for analog circuitry.
LP
8
2
-
LM
9
3
-
Tuning inductor connection. The inductor is recommended to be
a high Q small size 0402 or 0603 SMD component, and must be
placed between LP and adjacent LM pin. Place inductor as close
to the IC as possible to minimize parasitic effects and to
maintain inductor Q.
GNDBUF
10
4
P
GND connection for output buffer circuitry.
Q
11
5
O
PECL or LVDS output.
VDDBUF
12
6
P
VDD connection for output buffer circuitry. VDDBUF should be
separately decoupled from other VDDs whenever possible.
QBAR
13
7
O
Complementary PECL, LVDS output; Or single ended CMOS
output.
GNDBUF
14
8
P
GND connection for output buffer circuitry.
SEL1
15
9
I
Output frequency Selector pin.
SEL0
16
10
I
Output frequency Selector pin.


Similar Part No. - P680-37OC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P680 ETC2-P680 Datasheet
222Kb / 2P
   SMP MALE, HERMETIC SEAL SURFACE PANEL MOUNT SDLDER TO STRAIGHT TERMINATION
logo
VBsemi Electronics Co.,...
P6803HAG VBSEMI-P6803HAG Datasheet
504Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Wuxi U-NIKC Semiconduct...
P6803HVG UNIKC-P6803HVG Datasheet
507Kb / 5P
   Dual N-Channel Enhancement Mode MOSFET
logo
List of Unclassifed Man...
P6803NAG ETC2-P6803NAG Datasheet
127Kb / 8P
   N- & P-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
P6803NAG VBSEMI-P6803NAG Datasheet
607Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
More results

Similar Description - P680-37OC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX8037 ABRACON-ABX8037 Datasheet
214Kb / 10P
   38-640MHz Low Phase Noise XO
9/1/05
ABV8068 ABRACON-ABV8068 Datasheet
133Kb / 10P
   320-640MHz Low Phase Noise VCXO
9/1/05
logo
PhaseLink Corporation
PL580-30 PLL-PL580-30 Datasheet
251Kb / 9P
   38MHz-640MHz Low Phase Noise VCXO
PL580-68 PLL-PL580-68 Datasheet
281Kb / 10P
   320-640MHz Low Phase Noise VCXO
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
   Rugged XO/Low Phase Noise
logo
Abracon Corporation
ABLNO ABRACON-ABLNO Datasheet
3Mb / 5P
   Ultra Low Phase Noise XO / VCXO
10.05.15
logo
PhaseLink Corporation
PLL620-80 PLL-PLL620-80 Datasheet
813Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
logo
Micrel Semiconductor
PL620-88 MICREL-PL620-88 Datasheet
347Kb / 6P
   Low Phase Noise XO (9.5-65MHz Output)
logo
List of Unclassifed Man...
PLL620-80 ETC1-PLL620-80 Datasheet
212Kb / 7P
   Low Phase Noise XO (9.5-65MHz Output)
logo
PhaseLink Corporation
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
   750kHz -800MHz Low Phase Noise Multiplier XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com