Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL650-05 Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL650-05
Description  Low EMI Network LAN Clock
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL650-05 Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL650-05 Datasheet HTML 1Page - PhaseLink Corporation PLL650-05 Datasheet HTML 2Page - PhaseLink Corporation PLL650-05 Datasheet HTML 3Page - PhaseLink Corporation PLL650-05 Datasheet HTML 4Page - PhaseLink Corporation PLL650-05 Datasheet HTML 5Page - PhaseLink Corporation PLL650-05 Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PLL650-05
Low EMI Network LAN Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 2
PIN DESCRIPTIONS
Name
Number
Type
Description
XIN
1
I
25MHz fundamental crystal input (20pF CL parallel resonant).
XOUT/ENB_125M
2
B
Crystal output. At power-up, this pin latches ENB_125M (output enable
selector for 125MHz output. Disabled when ENB_125M is logical zero. Has
120k
Ω internal pull up resistor.
125MHz
5
O
125MHz output.
75MHz/FS1
7
B
75MHz output. This pin latch FS1 value at power-up. It has 60k
Ω internal
pull up resistors.
ENB_75M
8
I
Output enable for 75Mhz output when high. Disabled when ENB_75M is
logical low. It has 60K
Ω internal pull up resistor.
SS0
9
I
This pin is a tri-level input pin to control the spread spectrum function. See
Spread Spectrum Selection Table
SDRAMx2
11
O
SDRAM outputs with double drive strength determined by FS(0:1) value.
25MHz/FS0
14
B
25MHz (reference) output. This pin latch FS0 value at power-up. It has 60k
internal pull up resistors.
VDD
4,10,15,16
P
Power supply.
GND
3,6,12,13
P
Ground.
SPREAD SPECTRUM SELECTION TABLE
SS0
SST
0
±0.75% Center
M
OFF
1
±0.5% Center
FUNCTIONAL DESCRIPTION
Selectable spread spectrum and output frequencies
The PLL650-05 provides selectable spread spectrum modulation and selectable output frequencies. Selection is made by
connecting specific pins to a logical “zero” or “one”, or by leaving them not connected (tri-level inputs or internal pull-up)
according to the frequency and spread spectrum selection tables shown on pages 1 and 2 respectively.
In order to reduce pin usage, the PLL650-05 uses tri-level input pins. These pins allow 3 levels for input selection: namely, 0
(Connect to GND), 1 (Connect to VDD), M (Do not connect). Thus, unlike the two-level selection pins, the tri-level input pins are
in the “M” (mid) state when not connected. In order to connect a tri-level pin to a logical “zero”, the pin must be connected to
GND. Likewise, in order to connect to a logical “one” the pin must be connected to VDD.
Connecting a bi-directional pin
A bi-directional pin serves as input upon power-up, and as output as soon as the inputs have been latched. The value of the
input is latched-in upon power-up. Depending on the pin (see pin description), the input can be tri-level or a standard two-level.
Unlike unidirectional pins, bi-directional pins cannot be connected directly to GND or VDD in order to set the input to "0" or "1",


Similar Part No. - PLL650-05

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL650-01 PLL-PLL650-01 Datasheet
219Kb / 7P
   Low EMI Network LAN Clock
PLL650-01XC PLL-PLL650-01XC Datasheet
219Kb / 7P
   Low EMI Network LAN Clock
PLL650-01XC-R PLL-PLL650-01XC-R Datasheet
219Kb / 7P
   Low EMI Network LAN Clock
logo
List of Unclassifed Man...
PLL650-02 ETC1-PLL650-02 Datasheet
100Kb / 6P
   Low EMI Network LAN Clock
logo
PhaseLink Corporation
PLL650-02 PLL-PLL650-02 Datasheet
228Kb / 6P
   Low EMI Network LAN Clock
More results

Similar Description - PLL650-05

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL650-02 PLL-PLL650-02 Datasheet
228Kb / 6P
   Low EMI Network LAN Clock
PLL650-03 PLL-PLL650-03 Datasheet
231Kb / 6P
   Low EMI Network LAN Clock
logo
List of Unclassifed Man...
PLL650-02 ETC1-PLL650-02 Datasheet
100Kb / 6P
   Low EMI Network LAN Clock
logo
PhaseLink Corporation
PLL650-01 PLL-PLL650-01 Datasheet
219Kb / 7P
   Low EMI Network LAN Clock
PLL650-09 PLL-PLL650-09 Datasheet
332Kb / 5P
   Low Cost Network LAN Clock
PLL650-06 PLL-PLL650-06 Datasheet
228Kb / 5P
   Network LAN Clock
PLL650-07 PLL-PLL650-07 Datasheet
210Kb / 4P
   LOW COST Network LAN Clock SOURCE
PLL650-08 PLL-PLL650-08 Datasheet
312Kb / 5P
   Network LAN Clock Source
PLL650-10 PLL-PLL650-10 Datasheet
321Kb / 5P
   Network LAN Clock for Gigabit Ethernet
logo
Integrated Circuit Syst...
MK5811A ICST-MK5811A Datasheet
151Kb / 7P
   Low EMI Clock Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com