Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL602-04 Datasheet(PDF) 1 Page - PhaseLink Corporation

Part # PLL602-04
Description  Low Phase Noise CMOS XO (96MHz to 200MHz)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-04 Datasheet(HTML) 1 Page - PhaseLink Corporation

  PLL602-04 Datasheet HTML 1Page - PhaseLink Corporation PLL602-04 Datasheet HTML 2Page - PhaseLink Corporation PLL602-04 Datasheet HTML 3Page - PhaseLink Corporation PLL602-04 Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PLL602-04
Low Phase Noise CMOS XO (96MHz to 200MHz)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/03/04 Page 1
FEATURES
• Low phase noise XO for the 96MHz to 200MHz
range (-125 dBc at 10kHz offset).
• 12 to 25MHz crystal input.
• Integrated crystal load capacitor: no external
load capacitor required.
• Low jitter (RMS): 4ps period jitter (1 sigma).
• Selectable High Drive (30mA) or Standard Drive
(10mA) output.
• 3.3V operation.
• Available in 8-Pin TSSOP or SOIC.
DESCRIPTION
The PLL602-04 is a low cost, high performance and
low phase noise XO, providing less than -125 dBc at
10kHz offset in the 96MHz to 200MHz operating
range. The very low jitter (4ps RMS period jitter)
makes this chip ideal for 155.52MHz SONET and
SDH applications, and for 125MHz and 106.25MHz
applications. Input crystal can range from 12 to
25MHz (fundamental resonant mode).
PIN CONFIGURATION
OUTPUT RANGE
MULTIPLIER
FREQUENCY
RANGE
OUTPUT
BUFFER
x8
96 - 200MHz
CMOS
BLOCK DIAGRAM
Reference
Divider
Phase
Comparator
Charge
Pump
Loop
Filter
VCO
VCO
Divider
XTAL
OSC
OE
XIN
XOUT
CLK
1
2
3
45
6
7
8
CLK
VDD
OE^
XIN
GND
N/C
XOUT
GND
Note: ^ denotes internal pull up


Similar Part No. - PLL602-04

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-00 PLL-PLL602-00 Datasheet
174Kb / 4P
   Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
PLL602-00DC PLL-PLL602-00DC Datasheet
208Kb / 7P
   Low Phase Noise XO with multipliers (for HF Fund. and 3rd O.T.)
PLL602-00DC PLL-PLL602-00DC Datasheet
174Kb / 4P
   Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
PLL602-00DI PLL-PLL602-00DI Datasheet
208Kb / 7P
   Low Phase Noise XO with multipliers (for HF Fund. and 3rd O.T.)
PLL602-00DI PLL-PLL602-00DI Datasheet
174Kb / 4P
   Multiplier XO IC Die for 12 to 25MHz Parallel Resonant Crystals
More results

Similar Description - PLL602-04

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL602-04 MICREL-PL602-04 Datasheet
260Kb / 4P
   Low Phase Noise CMOS XO (96MHz to 200MHz)
logo
Abracon Corporation
ABX0204 ABRACON-ABX0204 Datasheet
54Kb / 4P
   Low Phase Noise CMOS XO (96MHz to 200MHz)
logo
PhaseLink Corporation
PLL602-41 PLL-PLL602-41 Datasheet
98Kb / 4P
   Low Phase Noise CMOS XO (48MHz to 96MHz)
PLL602-42 PLL-PLL602-42 Datasheet
98Kb / 4P
   Low Phase Noise CMOS XO (96MHz to 190MHz)
logo
Abracon Corporation
ABX0211 ABRACON-ABX0211 Datasheet
62Kb / 5P
   96MHz ??200MHz Low Phase Noise PECL XO (12 ??25MHz Crystals)
logo
PhaseLink Corporation
PLL502-04 PLL-PLL502-04 Datasheet
180Kb / 4P
   Low Phase Noise VCXO (96MHz to 200MHz)
logo
Abracon Corporation
ABV0204 ABRACON-ABV0204 Datasheet
56Kb / 4P
   Low Phase Noise VCXO (96MHz to 200MHz)
03/21/05
logo
PhaseLink Corporation
PLL602-11 PLL-PLL602-11 Datasheet
198Kb / 5P
   96MHz - 200MHz Low Phase Noise PECL XO (12 - 25MHz Crystals)
logo
Abracon Corporation
ABX0212 ABRACON-ABX0212 Datasheet
60Kb / 5P
   96MHz -192MHz Low Phase Noise LVDS XO (12 ??25MHz Crystal)
03/21/05
logo
PhaseLink Corporation
PLL502-12 PLL-PLL502-12 Datasheet
104Kb / 6P
   96MHz - 200MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystals)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com