Electronic Components Datasheet Search |
|
TSS400CFN-S2 Datasheet(PDF) 6 Page - Texas Instruments |
|
TSS400CFN-S2 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 32 page TSS400-S2 µPOWER PROGRAMMABLE HIGH-PRECISION SENSOR SIGNAL PROCESSOR SLMS002 – D4101, OCTOBER 1993 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Done Mode Timer Active, Outputs/RAM/ LCD Stable, 4- µA Power Consumption Typical Active Mode With ADC Active, 300- µA Power Consumption Typical Active Mode Without ADC Active, 80- µA Power Consumption Typical Off Mode Outputs/RAM Stable, 0.1- µA Power Consumption Typical Power Up or INITN Command: DONE INITN or External Hardware Wake Up, Timer Interrupt Command: OFF INITN or External Hardware Wake up Figure 1. State Diagram for TSS400-S2 Operational Modes analog-to-digital converter (ADC) (see Figure 2) The TSS400-S2 offers a 12-bit ratiometric successive-approximation ADC. Sensors are interfaced to this converter via the four multiplexed analog inputs ( A1 – A4 ). The analog conversion operation is executed with the MEASR instruction. The SMPL interpreter automatically switches the internal digit latches DL9, DL10, and DL11 such that the ADC is connected to the analog input line specified by the MEASR operand. Table 3 lists the instructions required to access all four analog inputs. Table 3. Instructions Required to Access Analog Inputs INSTRUCTION OPERAND DL9 DL10 DL11 ACTION MEASR 0 0 1 0 Connect A1 to the ADC MEASR 1 0 0 0 Connect A2 to the ADC MEASR 2 0 1 1 Connect A3 to the ADC MEASR 3 0 0 1 Connect A4 to the ADC CHKBATT X 1 X X Check current supply voltage against value in FLAC ADJBATT X 1 X X Set minimum supply voltage point |
Similar Part No. - TSS400CFN-S2 |
|
Similar Description - TSS400CFN-S2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |