Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL620-05OC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PLL620-05OC
Description  Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLL620-05OC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PLL620-05OC Datasheet HTML 1Page - List of Unclassifed Manufacturers PLL620-05OC Datasheet HTML 2Page - List of Unclassifed Manufacturers PLL620-05OC Datasheet HTML 3Page - List of Unclassifed Manufacturers PLL620-05OC Datasheet HTML 4Page - List of Unclassifed Manufacturers PLL620-05OC Datasheet HTML 5Page - List of Unclassifed Manufacturers PLL620-05OC Datasheet HTML 6Page - List of Unclassifed Manufacturers PLL620-05OC Datasheet HTML 7Page - List of Unclassifed Manufacturers PLL620-05OC Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PLL620-05/-06/-07/-08/-09
Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
Universal Low Phase Noise IC’s
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/01/05 Page 4
4. Jitter Specifications
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Period jitter RMS
2.5
Period jitter peak-to-peak
At 155.52MHz, with capacitive decoupling
between VDD and GND. Over 10,000
cycles
18.5
20
ps
Accumulated jitter RMS
2.5
Accumulated jitter peak-to-peak
At 155.52MHz, with capacitive decoupling
between VDD and GND. Over 1,000,000
cycles.
24
27
ps
Random Jitter
“RJ” measured on Wavecrest SIA 3000
2.5
ps
Integrated jitter RMS at 155MHz
Integrated 12 kHz to 20 MHz
0.3
0.4
ps
Period jitter RMS
11
Period jitter peak-to-peak
At 622.08MHz, with capacitive decoupling
between VDD and GND. Over 10,000
cycles
45
49
ps
Accumulated jitter RMS
11
Accumulated jitter peak-to-peak
At 622.08MHz, with capacitive decoupling
between VDD and GND. Over 1,000,000
cycles.
24
27
ps
Random Jitter
“RJ” measured on Wavecrest SIA 3000
3
ps
Integrated jitter RMS at 622MHz
Integrated 12 kHz to 20 MHz
1.6
1.8
ps
5. Phase Noise Specifications
PARAMETERS
FREQUENCY
@10Hz
@100Hz
@1kHz
@10kHz
@100kHz
UNITS
155.52MHz
-75
-95
-125
-140
-145
Phase Noise relative
to carrier
622.08MHz
-75
-95
-110
-125
-120
dBc/Hz
6. CMOS Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
IOH
VOH= VDD-0.4V, VDD=3.3V
30
mA
Output drive current
(High Drive)
IOL
VOL = 0.4V, VDD = 3.3V
30
mA
IOH
VOH= VDD-0.4V, VDD=3.3V
10
mA
Output drive current
(Standard Drive)
IOL
VOL = 0.4V, VDD = 3.3V
10
mA
Output Clock Rise/Fall Time
(Standard Drive)
0.3V ~ 3.0V with 15 pF load
2.4
Output Clock Rise/Fall Time
(High Drive)
0.3V ~ 3.0V with 15 pF load
1.2
ns
* Note: High Drive CMOS is available on PLL620-06 through DRIVSEL selector input on pin 12.


Similar Part No. - PLL620-05OC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL620-05OC PLL-PLL620-05OC Datasheet
265Kb / 8P
   Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
PLL620-05OC-R PLL-PLL620-05OC-R Datasheet
265Kb / 8P
   Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
PLL620-05OCL PLL-PLL620-05OCL Datasheet
265Kb / 8P
   Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
PLL620-05OCL-R PLL-PLL620-05OCL-R Datasheet
265Kb / 8P
   Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
PLL620-05OCLR PLL-PLL620-05OCLR Datasheet
265Kb / 8P
   Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
More results

Similar Description - PLL620-05OC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL620-05 PLL-PLL620-05 Datasheet
265Kb / 8P
   Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
logo
Abracon Corporation
ABX2005 ABRACON-ABX2005 Datasheet
115Kb / 8P
   Low Phase Noise XO with multipliers (for 100-200MHz Fund or 3rdOT Xtal)
03/21/05
logo
PhaseLink Corporation
PLL520-05 PLL-PLL520-05 Datasheet
239Kb / 8P
   Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
PLL520-00 PLL-PLL520-00 Datasheet
218Kb / 8P
   Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
logo
Abracon Corporation
ABV2005 ABRACON-ABV2005 Datasheet
93Kb / 8P
   Low Phase Noise VCXO with multipliers (for 100-200MHz Fund Xtal)
ABX2028 ABRACON-ABX2028 Datasheet
227Kb / 6P
   Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
03/21/05
logo
PhaseLink Corporation
PLL620-28 PLL-PLL620-28 Datasheet
218Kb / 6P
   Low Phase Noise VCXO (for 100-200MHz Fund Xtal)
logo
Abracon Corporation
ABV2017 ABRACON-ABV2017 Datasheet
79Kb / 7P
   Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
logo
PhaseLink Corporation
PLL520-17 PLL-PLL520-17 Datasheet
240Kb / 7P
   Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
PLL520-28-29 PLL-PLL520-28-29 Datasheet
242Kb / 7P
   Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com