Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL601-15OC Datasheet(PDF) 4 Page - PhaseLink Corporation

Part # PLL601-15OC
Description  Low Phase Noise PLL Clock Multiplier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL601-15OC Datasheet(HTML) 4 Page - PhaseLink Corporation

  PLL601-15OC Datasheet HTML 1Page - PhaseLink Corporation PLL601-15OC Datasheet HTML 2Page - PhaseLink Corporation PLL601-15OC Datasheet HTML 3Page - PhaseLink Corporation PLL601-15OC Datasheet HTML 4Page - PhaseLink Corporation PLL601-15OC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Preliminary
PLL601-15
Low Phase Noise PLL Clock Multiplier
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 01/08/02 Page 4
3. DC Specification
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Operating Voltage
VDD
3.135
3.465
V
Input High Voltage
VIH
2
V
Input Low Voltage
VIL
0.8
V
Input High Voltage
VIH
For XIN pin
(VDD/2)
+ 1
VDD/2
V
Input Low Voltage
VIL
For XIN pin
VDD/2
(VDD/2)
− 1
V
Output High Voltage
VOH
IOH = -25mA
2.4
V
Output Low Voltage
VOL
IOL = 25mA
0.4
V
Output High Voltage At
CMOS Level
VOH
IOH = -8mA
VDD-0.4
V
Operating Supply Current
IDD
No Load
35
mA
Short-circuit Current
IS
±120
mA
4. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
Parallel Fundamental Mode
20
30
MHz
Crystal Loading Capacitance
Rating
CL (xtal)
15
pF


Similar Part No. - PLL601-15OC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL601-12 PLL-PLL601-12 Datasheet
203Kb / 5P
   Dual Output PLL Clock with Selectable Odd Multiplier
PLL601-12SC PLL-PLL601-12SC Datasheet
203Kb / 5P
   Dual Output PLL Clock with Selectable Odd Multiplier
PLL601-12SC-R PLL-PLL601-12SC-R Datasheet
203Kb / 5P
   Dual Output PLL Clock with Selectable Odd Multiplier
More results

Similar Description - PLL601-15OC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
   Low Phase Noise PLL Clock Multiplier
logo
PhaseLink Corporation
PLL601-01 PLL-PLL601-01 Datasheet
201Kb / 5P
   Low Phase Noise PLL Clock Multiplier
PLL601-03 PLL-PLL601-03 Datasheet
85Kb / 5P
   Low Phase Noise PLL Clock Multiplier
logo
Abracon Corporation
ABX0102 ABRACON-ABX0102 Datasheet
56Kb / 4P
   Low Phase Noise PLL Clock Multiplier
logo
PhaseLink Corporation
PLL601-02 PLL-PLL601-02 Datasheet
200Kb / 4P
   Low Phase Noise PLL Clock Multiplier
logo
Integrated Circuit Syst...
ICS60101 ICST-ICS60101 Datasheet
176Kb / 8P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-01 ICST-ICS601-01 Datasheet
88Kb / 5P
   Low Phase Noise Clock Multiplier
ICS601-21 ICST-ICS601-21 Datasheet
139Kb / 6P
   LOW PHASE NOISE CLOCK MULTIPLIER
ICS601-02 ICST-ICS601-02 Datasheet
80Kb / 5P
   Low Phase Noise Clock Multiplier
logo
Integrated Device Techn...
ICS601-01 IDT-ICS601-01 Datasheet
230Kb / 9P
   LOW PHASE NOISE CLOCK MULTIPLIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com