Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GE863-PY Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GE863-PY
Description  Telit GE863-QUAD / GE863-PY Hardware User guide
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GE863-PY Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GE863-PY Datasheet HTML 4Page - List of Unclassifed Manufacturers GE863-PY Datasheet HTML 5Page - List of Unclassifed Manufacturers GE863-PY Datasheet HTML 6Page - List of Unclassifed Manufacturers GE863-PY Datasheet HTML 7Page - List of Unclassifed Manufacturers GE863-PY Datasheet HTML 8Page - List of Unclassifed Manufacturers GE863-PY Datasheet HTML 9Page - List of Unclassifed Manufacturers GE863-PY Datasheet HTML 10Page - List of Unclassifed Manufacturers GE863-PY Datasheet HTML 11Page - List of Unclassifed Manufacturers GE863-PY Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
Telit GE863-QUAD / GE863-PY
Hardware User guide
1vv0300697, Rev. ISSUE#0, - 21/11/05
Reproduction forbidden without Telit Communication written authorization – All Right reserved – Right of modification reserved
page 8 of 69
2.2 Turning OFF the GE863-QUAD
The turning off of the device can be done in three ways:
• by software command (see GE863-QUAD Software User Guide)
• by hardware shutdown
When the device is shut down by software command or by hardware shutdown, it issues to the
network a detach request that informs the network that the device will not be reachable any
more.
2.2.1
Hardware shutdown
To turn OFF the GE863-QUAD the pad ON# must be tied low for at least 1 second and then
released.
The same circuitry and timing for the power on shall be used.
The device shuts down after the release of the ON# pad.
TIP: To check if the device has powered off, the hardware line PWRCTL should be monitored. When
PWRCTL goes low, the device has powered off.
2.3 Hardware Unconditional Reboot
To unconditionally Reboot the GE863-QUAD, the pad RESET# must be tied low for at least 200
milliseconds and then released.
The maximum current that can be drained from the ON# pad is 0,15 mA.
A simple circuit to do it is:
RESET#
Unconditional Reboot
impulse
GND


Similar Part No. - GE863-PY

ManufacturerPart #DatasheetDescription
logo
Telit loT Solutions
GE866 TELIT-GE866 Datasheet
440Kb / 2P
   GSM | GPRS Embedded
GE866-QUAD TELIT-GE866-QUAD Datasheet
440Kb / 2P
   GSM | GPRS Embedded
More results

Similar Description - GE863-PY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
1325652 TI-1325652 Datasheet
6Mb / 138P
[Old version datasheet]   MSP430 Hardware Tools User Guide
logo
Microchip Technology
PIC16F18446 MICROCHIP-PIC16F18446 Datasheet
2Mb / 26P
   PIC16F18446 Curiosity Nano Hardware User Guide
2018
ATMEGA4809 MICROCHIP-ATMEGA4809 Datasheet
2Mb / 28P
   ATmega4809 Curiosity Nano Hardware User Guide
2018
ATTINY1627 MICROCHIP-ATTINY1627 Datasheet
2Mb / 39P
   ATtiny1627 Curiosity Nano Hardware User Guide
A 04/2020
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Laird Tech Smart Techno...
SDC-MSD30AG LSTD-SDC-MSD30AG Datasheet
1Mb / 26P
   HARDWARE INTEGRATION GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com