Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT62L6416MC-55LL Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # UT62L6416MC-55LL
Description  64K X 16 BIT LOW POWER CMOS SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

UT62L6416MC-55LL Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button UT62L6416MC-55LL Datasheet HTML 4Page - List of Unclassifed Manufacturers UT62L6416MC-55LL Datasheet HTML 5Page - List of Unclassifed Manufacturers UT62L6416MC-55LL Datasheet HTML 6Page - List of Unclassifed Manufacturers UT62L6416MC-55LL Datasheet HTML 7Page - List of Unclassifed Manufacturers UT62L6416MC-55LL Datasheet HTML 8Page - List of Unclassifed Manufacturers UT62L6416MC-55LL Datasheet HTML 9Page - List of Unclassifed Manufacturers UT62L6416MC-55LL Datasheet HTML 10Page - List of Unclassifed Manufacturers UT62L6416MC-55LL Datasheet HTML 11Page - List of Unclassifed Manufacturers UT62L6416MC-55LL Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
UTRON
UT62L6416
Preliminary Rev. 1.0
64K X 16 BIT LOW POWER CMOS SRAM
UTRON TECHNOLOGY INC.
P80073
1F, No. 11, R&D Rd. II, Science-Based Industrial Park, Hsinchu, Taiwan, R. O. C.
TEL: 886-3-5777882
FAX: 886-3-5777919
8
PACKAGE OUTLINE DIMENSION
44 pin 400mil TSOP-Ⅱ PACKAGE OUTLINE DIMENSION
DIMENSIONS IN MILLMETERS
DIMENSIONS IN INCHS
SYMBOLS
MIN
NOM
MAX.
MIN.
NOM.
MAX.
A
1.00
-
1.20
0.039
-
0.047
A1
0.05
-
0.15
0.002
-
0.006
A2
0.95
1.00
1.05
0.037
0.039
0.041
b
0.30
0.35
0.45
0.012
0.014
0.018
c
0.12
-
0.21
0.0047
-
0.083
D
18.313
18.415
18.517
0.721
0.725
0.728
E
11.854
11.836
11.838
0.460
0.466
0.470
E1
10.058
10.180
10.282
0.398
0.400
0.404
e
-
0.800
-
-
0.0315
-
L
0.40
0.50
0.60
0.0157
0.020
0.0236
2D
-
0.805
-
-
0.0317
-
y
0.00
-
0.076
0.000
-
0.003
Θ
0
o
-
5
o
0
o
-
5
o


Similar Part No. - UT62L6416MC-55LL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT62L1024 ETC-UT62L1024 Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
UT62L1024LC-35L ETC-UT62L1024LC-35L Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
UT62L1024LC-35LL ETC-UT62L1024LC-35LL Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
UT62L1024LC-55L ETC-UT62L1024LC-55L Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
UT62L1024LC-55LL ETC-UT62L1024LC-55LL Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - UT62L6416MC-55LL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_11 Datasheet
500Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416_1008 LYONTEK-LY626416_1008 Datasheet
281Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416 Datasheet
178Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416_1008 LYONTEK-LY62L6416_1008 Datasheet
222Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
LY62L6416 LYONTEK-LY62L6416_16 Datasheet
695Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416 LYONTEK-LY626416_16 Datasheet
701Kb / 16P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
AS6C1016 ETC2-AS6C1016 Datasheet
449Kb / 13P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W6416 LYONTEK-LY62W6416_17 Datasheet
796Kb / 15P
   64K X 16 BIT LOW POWER CMOS SRAM
LY626416 LYONTEK-LY626416 Datasheet
179Kb / 14P
   64K X 16 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010_08 Datasheet
246Kb / 11P
   Very Low Power CMOS SRAM 64K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com