Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F001AT-45JI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT49F001AT-45JI
Description  1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F001AT-45JI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT49F001AT-45JI Datasheet HTML 1Page - ATMEL Corporation AT49F001AT-45JI Datasheet HTML 2Page - ATMEL Corporation AT49F001AT-45JI Datasheet HTML 3Page - ATMEL Corporation AT49F001AT-45JI Datasheet HTML 4Page - ATMEL Corporation AT49F001AT-45JI Datasheet HTML 5Page - ATMEL Corporation AT49F001AT-45JI Datasheet HTML 6Page - ATMEL Corporation AT49F001AT-45JI Datasheet HTML 7Page - ATMEL Corporation AT49F001AT-45JI Datasheet HTML 8Page - ATMEL Corporation AT49F001AT-45JI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
AT49F001A(N)(T)
3365C–FLASH–9/03
Device
Operation
READ: The AT49F001A(N)(T) is accessed like an EPROM. When CE and OE are low and
WE is high, the data stored at the memory location determined by the address pins is asserted
on the outputs. The outputs are put in the high impedance state whenever CE or OE is high.
This dual-line control gives designers flexibility in preventing bus contention.
COMMAND SEQUENCES: When the device is first powered on it will be reset to the read or
standby mode depending upon the state of the control line inputs. In order to perform other
device functions, a series of command sequences are entered into the device. The command
sequences are shown in the Command Definitions table. The command sequences are written
by applying a low pulse on the WE or CE input with CE or WE low (respectively) and OE high.
The address is latched on the falling edge of CE or WE, whichever occurs last. The data is
latched by the first rising edge of CE or WE. Standard microprocessor write timings are used.
The address locations used in the command sequences are not affected by entering the com-
mand sequences.
RESET: A RESET input pin is provided to ease some system applications. When RESET is at
a logic high level, the device is in its standard operating mode. A low level on the RESET input
halts the present device operation and puts the outputs of the device in a high impedance
state. If the RESET pin makes a high to low transition during a program or erase operation, the
operation may not be successfully completed and the operation will have to be repeated after
a high level is applied to the RESET pin. When a high level is reasserted on the RESET pin,
the device returns to the read or standby mode, depending upon the state of the control inputs.
By applying a 12V ± 0.5V input signal to the RESET pin, the boot block array can be repro-
grammed even if the boot block lockout feature has been enabled (see Boot Block
Programming Lockout Override section). The RESET feature is not available for the
AT49F001AN(T).
ERASURE: Before a byte can be reprogrammed, the main memory block or parameter block
which contains the byte must be erased. The erased state of the memory bits is a logical “1”.
The entire device can be erased at one time by using a 6-byte software code. The software
chip erase code consists of 6-byte load commands to specific address locations with a specific
data pattern (please refer to the Chip Erase Cycle Waveforms).
After the software chip erase has been initiated, the device will internally time the erase opera-
tion so that no external clocks are required. The maximum time needed to erase the whole
chip is t
EC. If the boot block lockout feature has been enabled, the data in the boot sector will
not be erased.
CHIP ERASE: If the boot block lockout has been enabled, the Chip Erase function will erase
Parameter Block 1, Parameter Block 2, Main Memory Block 1- 2 but not the boot block. If the
Boot Block Lockout has not been enabled, the Chip Erase function will erase the entire chip.
After the full chip erase the device will return back to read mode. Any command during chip
erase will be ignored.


Similar Part No. - AT49F001AT-45JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12JC ATMEL-AT49F001-12JC Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12JI ATMEL-AT49F001-12JI Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12PC ATMEL-AT49F001-12PC Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12PI ATMEL-AT49F001-12PI Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
More results

Similar Description - AT49F001AT-45JI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F080 HYNIX-HY29F080 Datasheet
366Kb / 38P
   8 Megabit (1M x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F010 ATMEL-AT49F010 Datasheet
248Kb / 10P
   1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT49F008 ATMEL-AT49F008 Datasheet
124Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F080 ATMEL-AT49F080 Datasheet
98Kb / 12P
   8-Megabit 1M x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com