Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBR522ND12-W1 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # FBR522ND12-W1
Description  COMPACT POWER TWIN RELAY 1 PORE X 2 - 25A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FBR522ND12-W1 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  FBR522ND12-W1 Datasheet HTML 1Page - Fujitsu Component Limited. FBR522ND12-W1 Datasheet HTML 2Page - Fujitsu Component Limited. FBR522ND12-W1 Datasheet HTML 3Page - Fujitsu Component Limited. FBR522ND12-W1 Datasheet HTML 4Page - Fujitsu Component Limited. FBR522ND12-W1 Datasheet HTML 5Page - Fujitsu Component Limited. FBR522ND12-W1 Datasheet HTML 6Page - Fujitsu Component Limited. FBR522ND12-W1 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
s FEATURES
q
Two independent relays mounted in a single package
q
Miniature size
(54% of the volume of the FBR160 relays)
q
High current contact capacity
(carrying current: 35 A/10 minutes, 25 A/1 hour)
q
High resistance to vibration and shock
q
Improved heat resistance and extended operating range
q
Two contact gap options
(FBR510: 0.3 mm, FBR520: 0.6 mm)
q
Two types of contact materials
s ORDERING INFORMATION
FBR512, 522 SERIES
COMPACT POWER TWIN RELAY
1 POLE x 2 — 25 A
(FOR AUTOMOTIVE APPLICATIONS)
(a)
Series Name
FBR512: Standard type (contact gap 0.3 mm)
FBR522: Wider contact gap type (contact gap 0.6 mm)
(b)
Enclosure
N
: Plastic sealed type
(c)
Nominal Voltage
D06
: 6 VDC
D09
: 9 VDC
D10
: 10 VDC
D12
: 12 VDC
(d)
Contact Material
W1
: Silver-tin oxide indium (high power type)
(e)
Custom Designation
To be assigned custom specification
FBR512
N
D12
– W1
**
[Example]
(a)
(b)
(c)
(d)
(e)
1


Similar Part No. - FBR522ND12-W1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR522ND12-W1 FUJITSU-FBR522ND12-W1 Datasheet
571Kb / 7P
   COMPACT POWER TWIN RELAY 1 POLE x 2-30A (Dual relay) (FOR AUTOMOTIVE APPLICATIONS)
More results

Similar Description - FBR522ND12-W1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FBR512 FUJITSU-FBR512_08 Datasheet
571Kb / 7P
   COMPACT POWER TWIN RELAY 1 POLE x 2-30A (Dual relay) (FOR AUTOMOTIVE APPLICATIONS)
FBR562 FUJITSU-FBR562 Datasheet
52Kb / 8P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A
FTR-P2 FUJITSU-FTR-P2_08 Datasheet
606Kb / 9P
   SILENT TWIN RELAY FOR AUTOMOTIVE APPLICATIONS 1POLE X 2, H-BRIDGE, 25A
FTR-P2 FUJITSU-FTR-P2 Datasheet
57Kb / 6P
   SILENT TWIN RELAY FOR AUTOMOTIVE APPLICATIONS 1POLE X 2, H-BRIDGE, 25A
FTR-G1 FUJITSU-FTR-G1_11 Datasheet
287Kb / 6P
   COMPACT POWER RELAY 1 POLE - 25A (For Automotive Applications)
FTR-G1 FUJITSU-FTR-G1 Datasheet
801Kb / 6P
   Compact Power Relay 1 Pole-25A for Automotive Applications
FBR562 FUJITSU-FBR562_09 Datasheet
430Kb / 10P
   HIGH POWER TWIN RELAY 1 POLE x 2-30A (FOR AUTOMOTIVE APPLICATIONS)
FTR-P4 FUJITSU-FTR-P4 Datasheet
67Kb / 7P
   COMPACT POWER TWIN RELAY 1POLE X 2, H-BRIDGE-25 A FOR AUTOMOTIVE APPLICATIONS
FTR-P4 FUJITSU-FTR-P4_09 Datasheet
503Kb / 9P
   COMPACT POWER TWIN RELAY 1POLE X 2, H-BRIDGE - 25 A FOR AUTOMOTIVE APPLICATIONS
FTR-K3L FUJITSU-FTR-K3L Datasheet
234Kb / 7P
   POWER RELAY 1 POLE - 25A Latching Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com