Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ693 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AZ693
Description  10 AMP MINIATURE POWER RELAY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AZ693 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AZ693 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
`
AZ692/AZ693
10 AMP MINIATURE
POWER RELAY
FEATURES
Isolation spacing greater than 8mm
Dielectric strength 4000 Vrms coil to contact
Approvals/Standards include UL, CSA,VDE, IEC, CEE,
SEMKO
Single pole – Forms A, B and C available
10A switching
Life expectancy to 30 million operations
Epoxy sealed version for automatic wave soldering and
cleaning
UL file E44211 ; CSA file LR85091 ; VDE
4120-4940-4002/A1
Logistic Design (UK) Limited
Unit 3 Eagle Centre Way, Sedgwick Road
Tel +44 (0)1582 599 600
Luton LU4 9US, United Kingdom
Fax +44 (0)1582 599 700
CONTACTS
Arrangement
SPDT (1 Form C)
SPST (1 Form A and 1 Form B)
Ratings
Resistive load:
Max switching power : 300W or 2500VA
Max switched current : 10A ; 64A for 2ms
Max switched voltage : 150* VDC or 380VAC
UL Rating
10A at 24VDC or 115VAC
0.25HP 120VAC motor load
10A at 250VAC
B300 pilot duty
* If switching voltage is greater than 30VDC, special precautions
must be taken. Please consult the factory.
Material
Silver cadmium oxide
Resistance
<30 milliohms initially
(at rated current, voltage drop method)
Power
At Pickup Voltage
Standard coil 337mW
(typical)
Sensitive coil 234mW
Max Continuous
1.9W at 20°C ambient
Dissipation
1.4W at 40°C ambient
Temperature Rise
Standard 40°C at nominal coil voltage
Sensitive 26°C at nominal coil voltage
Max Temperature
110°C
Life Expectancy
Minimum operations
Mechanical
30 million operations
Electrical
1x10
5 at 10A, 30VDC or 115VAC
2x10
5 at 8A, 250VAC
Operate Time (typical)
6ms at nominal coil voltage
Release Time (typical)
2ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
4000 Vrms coil to contact
(at sea level for 1 min)
1000 Vrms between open contacts
Insulation Resistance
10,000 megohms min at 500VDC, 20°C,
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
Standard -55°C to 70C
Sensitive -55°C to 80C
Storage
Both -55°C to 110C
Vibration
0.062” DA at 10 – 55 Hz
Shock
20g
Enclosure
PBT Polyester
Terminals
Tinned copper alloy, PC
Weight
17 grammes
GENERAL DATA
NOTES
1. All values at 20°C
2. Relay may pull in with less than ‘Must Operate’ value
3. PCB layout viewed towards terminals
4. Specifications subject to change without notice
5. Unsealed relays should not be dip cleaned
COIL
www.zettlerrelay.com
sales@zettlerrelay.com
LDZR201000


Similar Part No. - AZ693

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ693 AZETTLER-AZ693 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ693 ZETTLER-AZ693 Datasheet
189Kb / 3P
   Technische Daten
logo
American Zettler, Inc.
AZ693-010-52 AZETTLER-AZ693-010-52 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
AZ693-04-2 AZETTLER-AZ693-04-2 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
AZ693-052-52 AZETTLER-AZ693-052-52 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
More results

Similar Description - AZ693

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ940 AZETTLER-AZ940 Datasheet
104Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ697 AZETTLER-AZ697 Datasheet
92Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940 Datasheet
49Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ9402 AZETTLER-AZ9402 Datasheet
118Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com