Part Name
         Description
AZ692

 10 AMP MINIATURE POWER RELAY ( 1 Page)


ETC1
100% 
Zoom Out Zoom In
   
 1 page
background image
`
AZ692/AZ693
10 AMP MINIATURE
POWER RELAY
FEATURES
Isolation spacing greater than 8mm
Dielectric strength 4000 Vrms coil to contact
Approvals/Standards include UL, CSA,VDE, IEC, CEE,
SEMKO
Single pole – Forms A, B and C available
10A switching
Life expectancy to 30 million operations
Epoxy sealed version for automatic wave soldering and
cleaning
UL file E44211 ; CSA file LR85091 ; VDE
4120-4940-4002/A1
Logistic Design (UK) Limited
Unit 3 Eagle Centre Way, Sedgwick Road
Tel +44 (0)1582 599 600
Luton LU4 9US, United Kingdom
Fax +44 (0)1582 599 700
CONTACTS
Arrangement
SPDT (1 Form C)
SPST (1 Form A and 1 Form B)
Ratings
Resistive load:
Max switching power : 300W or 2500VA
Max switched current : 10A ; 64A for 2ms
Max switched voltage : 150* VDC or 380VAC
UL Rating
10A at 24VDC or 115VAC
0.25HP 120VAC motor load
10A at 250VAC
B300 pilot duty
* If switching voltage is greater than 30VDC, special precautions
must be taken. Please consult the factory.
Material
Silver cadmium oxide
Resistance
<30 milliohms initially
(at rated current, voltage drop method)
Power
At Pickup Voltage
Standard coil 337mW
(typical)
Sensitive coil 234mW
Max Continuous
1.9W at 20°C ambient
Dissipation
1.4W at 40°C ambient
Temperature Rise
Standard 40°C at nominal coil voltage
Sensitive 26°C at nominal coil voltage
Max Temperature
110°C
Life Expectancy
Minimum operations
Mechanical
30 million operations
Electrical
1x10
5 at 10A, 30VDC or 115VAC
2x10
5 at 8A, 250VAC
Operate Time (typical)
6ms at nominal coil voltage
Release Time (typical)
2ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
4000 Vrms coil to contact
(at sea level for 1 min)
1000 Vrms between open contacts
Insulation Resistance
10,000 megohms min at 500VDC, 20°C,
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
Standard -55°C to 70C
Sensitive -55°C to 80C
Storage
Both -55°C to 110C
Vibration
0.062” DA at 10 – 55 Hz
Shock
20g
Enclosure
PBT Polyester
Terminals
Tinned copper alloy, PC
Weight
17 grammes
GENERAL DATA
NOTES
1. All values at 20°C
2. Relay may pull in with less than ‘Must Operate’ value
3. PCB layout viewed towards terminals
4. Specifications subject to change without notice
5. Unsealed relays should not be dip cleaned
COIL
www.zettlerrelay.com
sales@zettlerrelay.com
LDZR201000



Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AZ285030 AMP MINIATURE POWER RELAY 1 2 ZETTLER Electronics
AZ280030 AMP MINIATURE POWER RELAY 1 2 ZETTLER Electronics
AZ69710 AMP MINIATURE POWER RELAY 1 2 List of Unclassifed Manufacturers
AZ97720 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE 1 2 List of Unclassifed Manufacturers
SRUUH15 Amp Miniature Power PC Board Relay 1 2 Tyco Electronics
AZ225030 AMP MINIATURE POWER RELAY 1 2 List of Unclassifed Manufacturers
AZ970E40 AMP MINIATURE POWER RELAY FOR AUTOMOTIVE USE 1 2 ZETTLER Electronics
AZ76925 AMP MINIATURE POWER RELAY 1 2 ZETTLER Electronics
AZ764H16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY 1 2 ZETTLER Electronics
AZ764F20 AMP HIGH TEMPERATURE MINIATURE POWER RELAY 1 2 3 4 ZETTLER Electronics

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl