Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C33256PFS16A-166TQC Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS7C33256PFS16A-166TQC
Description  3.3V 256K16/18 pipeline burst synchronous SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C33256PFS16A-166TQC Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS7C33256PFS16A-166TQC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C33256PFS16A-166TQC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C33256PFS16A-166TQC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C33256PFS16A-166TQC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C33256PFS16A-166TQC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C33256PFS16A-166TQC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C33256PFS16A-166TQC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C33256PFS16A-166TQC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C33256PFS16A-166TQC Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AS7C33256PFS16A
AS7C33256PFS18A
®
3/14/01; V.1.0
Alliance Semiconductor
P. 6 of 11
*“Notes” column refers to “notes” on page 10.
Key to switching waveforms
Clock access time (flow-through
mode)
tCDF
9
–10–10
–12
ns
Output enable LOW to data valid
tOE
3.5
3.8
4.0
5.0
ns
Clock HIGH to output Low Z
tLZC
0
0–
0–0
ns
2,3,4
Data output invalid from clock HIGH
tOH
1.5
1.5
1.5
1.5
ns
2
Output enable LOW to output Low Z
tLZOE
0
0–
0–0
ns
2,3,4
Output enable HIGH to output High Z
tHZOE
3.5
3.8
4.0
4.5
ns
2,3,4
Clock HIGH to output High Z
tHZC
3.5
3.8
4.0
5.0
ns
2,3,4
Output enable HIGH to invalid output
tOHOE
0
0–
0–0
ns
Clock HIGH pulse width
tCH
2.4
2.5
2.5
3.5
ns
5
Clock LOW pulse width
tCL
2.4
2.5
2.5
3.5
ns
5
Address setup to clock HIGH
tAS
1.5
1.5
1.5
2.0
ns
6
Data setup to clock HIGH
tDS
1.5
1.5
1.5
2.0
ns
6
Write setup to clock HIGH
tWS
1.5
1.5
1.5
2.0
ns
6,7
Chip select setup to clock HIGH
tCSS
1.5
1.5
1.5
2.0
ns
6,8
Address hold from clock HIGH
tAH
0.5
0.5
0.5
0.5
ns
6
Data hold from clock HIGH
tDH
0.5
0.5
0.5
0.5
ns
6
Write hold from clock HIGH
tWH
0.5
0.5
0.5
0.5
ns
6,7
Chip select hold from clock HIGH
tCSH
0.5
0.5
0.5
0.5
ns
6,8
ADV setup to clock HIGH
tADVS
1.5
1.5
1.5
2.0
ns
6
ADSP setup to clock HIGH
tADSPS
1.5
1.5
1.5
2.0
ns
6
ADSC setup to clock HIGH
tADSCS
1.5
1.5
1.5
2.0
ns
6
ADV hold from clock HIGH
tADVH
0.5
0.5
0.5
0.5
ns
6
ADSP hold fromclock HIGH
tADSPH
0.5
0.5
0.5
0.5
ns
6
ADSC hold from clock HIGH
tADSCH
0.5
0.5
0.5
0.5
ns
6
Parameter
Symbol
–166
–150
–133
–100
Unit
Notes*
MinMax
MinMax
MinMax
MinMax
Undefined/don’t care
Falling input
Rising input


Similar Part No. - AS7C33256PFS16A-166TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33256PFS18B-133TQC ALSC-AS7C33256PFS18B-133TQC Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33256PFS18B-133TQCN ALSC-AS7C33256PFS18B-133TQCN Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33256PFS18B-133TQI ALSC-AS7C33256PFS18B-133TQI Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33256PFS18B-133TQIN ALSC-AS7C33256PFS18B-133TQIN Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
More results

Similar Description - AS7C33256PFS16A-166TQC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C33256PFS18B ALSC-AS7C33256PFS18B Datasheet
536Kb / 19P
   3.3V 256K X 18 pipeline burst synchronous SRAM
AS7C33256PFD18B ALSC-AS7C33256PFD18B Datasheet
536Kb / 19P
   3.3V 256K x 18 pipeline burst synchronous SRAM
AS7C33512PFD18A ALSC-AS7C33512PFD18A Datasheet
515Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
AS7C33128PFD18B ALSC-AS7C33128PFD18B Datasheet
538Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33128PFS18B ALSC-AS7C33128PFS18B Datasheet
537Kb / 19P
   3.3V 128K x 18 pipeline burst synchronous SRAM
AS7C33512PFS18A ALSC-AS7C33512PFS18A Datasheet
512Kb / 20P
   3.3V 512K x 18 pipeline burst synchronous SRAM
logo
White Electronic Design...
WED2DL32512V WEDC-WED2DL32512V Datasheet
146Kb / 9P
   512Kx32 Synchronous Pipeline Burst SRAM
logo
Alliance Semiconductor ...
AS7C33128PFD32A ALSC-AS7C33128PFD32A Datasheet
227Kb / 11P
   3.3V 128K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFD32B ALSC-AS7C3364PFD32B Datasheet
549Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
AS7C3364PFS32B ALSC-AS7C3364PFS32B Datasheet
548Kb / 19P
   3.3V 64K X 32/36 pipeline burst synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com