Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN5195K Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN5195K
Description  Single chip IC for PAL/NTSC color TV (built-in I2C bus interface)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5195K Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN5195K Datasheet HTML 1Page - Panasonic Semiconductor AN5195K Datasheet HTML 2Page - Panasonic Semiconductor AN5195K Datasheet HTML 3Page - Panasonic Semiconductor AN5195K Datasheet HTML 4Page - Panasonic Semiconductor AN5195K Datasheet HTML 5Page - Panasonic Semiconductor AN5195K Datasheet HTML 6Page - Panasonic Semiconductor AN5195K Datasheet HTML 7Page - Panasonic Semiconductor AN5195K Datasheet HTML 8Page - Panasonic Semiconductor AN5195K Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
ICs for TV
AN5195K-C
5
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
VIF circuit (continued)
Typical input: fP = 38.9 MHz, VIN = 90 dBµ
VCO free-running frequency
∆f
P
Dispersion without input VIN,
−1.2
0
1.2
MHz
V37 (IF AGC) = 0 V(measurement of
difference from 38.9 MHz)
RF AGC maximum sink current
IRFmax
Maximum current IC can sink when pin 27 is low
1.5
3.0
mA
RF AGC minimum sink current
IRFmin
Leakage current of IC, when pin 27 is high
−50
0
50
µA
AFT discrimination sensitivity
µ
AFT
∆f = ±25 kHz
40
57
75
mV/kHz
AFT center voltage
VAFT
V30 without input VIN
4.0
4.5
5.0
V
AFT maximum output voltage
VAFTmax
V30 at f = fP −500 kHz
7.8
8.1
8.7
V
AFT minimum output voltage
VAFTmin
V30 at f = fP +500 kHz
0.3
0.8
1.0
V
Detection output resistance
RO41
DC measurement IO = − 0.4 mA to −1.0 mA
70
120
170
SIF circuit Typical input: fS = 6.0 MHz, fM = 400 Hz, VIN = 90 dBµ
Audio detection output
VSOP36
∆f = ±50 kHz
0.90
1.15
1.40
V[rms]
(PAL, SIF1)
0B
−D3 = 0
Audio detection output
VSOP35
∆f = ±50 kHz
0.90
1.15
1.40
V[rms]
(PAL, SIF2)
0B
−D3 = 0
Audio detection output
VSOP33
∆f = ±50 kHz
0.90
1.15
1.40
V[rms]
(PAL,SIF3)
0B
−D3 = 0
Audio detection output NTSC/PAL
RSN/P
∆f = ±25 kHz, 0B−D3 = 1, ratio to PAL (V
SOP36)
−2.5 − 0.5
1.5
dB
Audio detection output linearity
∆V
SOP
Ratio between fS = 5.5 MHz
−30
3
dB
and 6.0 MHz, and 6.5 MHz
SIF pull-in range
fSNH
Pull-in range of high frequency side
4.8
5.0
MHz
NTSC (4.5 MHz)
(4.5 MHz)
SIF pull-in range
fSNL
Pull-in range of low frequency side
4.0
4.2
MHz
NTSC (4.5 MHz)
(4.5 MHz)
SIF pull-in range
fSPH
Pull-in range of high frequency side
5.8
6.0
MHz
PAL (5.5 MHz)
(5.5 MHz)
SIF pull-in range
fSPL
Pull-in range of low frequency side
5.0
5.2
MHz
PAL (5.5 MHz)
(5.5 MHz)
SIF pull-in range
fSPH
Pull-in range of high frequency side
6.3
6.5
MHz
PAL (6.0 MHz)
(6.0 MHz)
SIF pull-in range
fSPL
Pull-in range of low frequency side
5.5
5.7
MHz
PAL (6.0 MHz)
(6.0 MHz)
SIF pull-in range
fSPH
Pull-in range of high frequency side
6.8
7.0
MHz
PAL (6.5 MHz)
(6.5 MHz)
SIF pull-in range
fSPL
Pull-in range of low frequency side
6.0
6.2
MHz
PAL (6.5 MHz)
(6.5 MHz)
De-emphasis pin
R29P
Impedance of pin 29 at PAL
32
40
48
k
output resistance (PAL)
De-emphasis pin
R29N
Impedance of pin 29 at NTSC
48
60
72
k
output resistance (NTSC)
s Electrical Characteristics at Ta = 25°C (continued)


Similar Part No. - AN5195K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5192 PANASONIC-AN5192 Datasheet
221Kb / 23P
   Single chip IC with I2C bus Interface for PAL/NTSC color TV system
AN5192K PANASONIC-AN5192K Datasheet
221Kb / 23P
   Single chip IC with I2C bus Interface for PAL/NTSC color TV system
More results

Similar Description - AN5195K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5192K PANASONIC-AN5192K Datasheet
221Kb / 23P
   Single chip IC with I2C bus Interface for PAL/NTSC color TV system
AN5095K PANASONIC-AN5095K Datasheet
405Kb / 36P
   Single chip IC with I2C bus interface for PAL/NTSC color TV system
AN5308NK PANASONIC-AN5308NK Datasheet
273Kb / 25P
   Single chip IC for color TV Built-in I2C bus interface
logo
Samsung semiconductor
KA2163 SAMSUNG-KA2163 Datasheet
731Kb / 43P
   I2C BUS NTSC 1 CHIP FOR COLOR TV
logo
Toshiba Semiconductor
TA1201CN TOSHIBA-TA1201CN Datasheet
1Mb / 45P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1201AN TOSHIBA-TA1201AN Datasheet
1Mb / 44P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1201CNG TOSHIBA-TA1201CNG Datasheet
795Kb / 46P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
logo
NXP Semiconductors
TDA8366 PHILIPS-TDA8366 Datasheet
414Kb / 48P
   I2C-bus controlled PAL/NTSC TV processor
January 1995
logo
Sanyo Semicon Device
LA7615 SANYO-LA7615 Datasheet
206Kb / 39P
   Single-Chip NTSC Color TV IC
logo
NXP Semiconductors
TDA8376 PHILIPS-TDA8376 Datasheet
249Kb / 44P
   I2C-bus controlled PAL/NTSC TV processors
1996 Jan 26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com