Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHM-950 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SHM-950
Description  Miniature, High-Speed 짹0.001% Sample-Hold Amplifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SHM-950 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SHM-950 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHM-950 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHM-950 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SHM-950
Miniature, High-Speed
±0.001% Sample-Hold Amplifiers
IN N O VA T IO N a n d E X C ELL E N C E
®
®
FEATURES
• 18-Bit accuracy
• Small 8-pin DIP package
• 800ns max. acquisition time to ±0.001%
• 200ns max. sample-to-hold settling time to ±0.001%
• 16MHz small signal bandwidth
• 90dB feedthrough attenuation
• ±25 picoseconds aperture uncertainty
• 415mW maximum power dissipation
GENERAL DESCRIPTION
DATEL’s SHM-950 is a high-speed, highly accurate sample/
hold designed for precision, high-speed analog signal
processing applications. The SHM-950 features excellent
dynamic specifications including a maximum acquisition time
of only 800 nanoseconds for a 10V step to ±0.001%.
Sample-to-hold settling time, to ±0.001% accuracy, is 200
nanoseconds maximum with an aperture uncertainty of ±25
picoseconds.
The SHM-950 is a complete sample/hold circuit, containing a
precision MOS hold capacitor and a MOSFET switching
configuration which results in faster switching and better
feedthrough attenuation. Additionally, a FET input amplifier
design allows faster acquisition and settling times while
maintaining a considerably lower droop rate.
INPUT/OUTPUT CONNECTIONS
PIN
FUNCTION
1
+5V SUPPLY
2
S/H CONTROL
3
ANALOG INPUT
4
ANALOG RETURN
5
–15V SUPPLY
6
ANALOG OUTPUT
7
+15V SUPPLY
8
POWER GROUND
Figure 1. SHM-950 Functional Block Diagram
–15V
SUPPLY
+15V
SUPPLY
3
2
POWER
GROUND
SWITCH
DRIVER
6 ANALOG OUTPUT
2k
ANALOG INPUT
S/H CONTROL
4
8
+5V
SUPPLY
ANALOG
RETURN
5
1
7
2k
100pF


Similar Part No. - SHM-950

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SHM-950 MURATA-PS-SHM-950 Datasheet
140Kb / 3P
   Miniture, High-Speed 짹0.001% Sample-Hold Amplifiers
logo
DATEL, Inc.
SHM-950 DATEL-SHM-950 Datasheet
234Kb / 3P
   Miniature, High-Speed 짹0.001% Sample-Hold Amplifi ers
SHM-950GC DATEL-SHM-950GC Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
SHM-950GC DATEL-SHM-950GC Datasheet
234Kb / 3P
   Miniature, High-Speed 짹0.001% Sample-Hold Amplifi ers
SHM-950GC-C DATEL-SHM-950GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
More results

Similar Description - SHM-950

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SHM-950 MURATA-PS-SHM-950 Datasheet
140Kb / 3P
   Miniture, High-Speed 짹0.001% Sample-Hold Amplifiers
logo
DATEL, Inc.
SHM-950 DATEL-SHM-950 Datasheet
234Kb / 3P
   Miniature, High-Speed 짹0.001% Sample-Hold Amplifi ers
logo
List of Unclassifed Man...
SHM-49 ETC1-SHM-49 Datasheet
42Kb / 3P
   Miniature, High-Speed -0.01% Sample-Hold Amplifiers
logo
Murata Power Solutions ...
SHM-50 MURATA-PS-SHM-50 Datasheet
146Kb / 3P
   Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifiers
SHM-49 MURATA-PS-SHM-49 Datasheet
135Kb / 3P
   Miniature, High-Speed, Complete 짹0.05% Sample Hold Amplifiers
logo
Sony Corporation
CXA1009 SONY-CXA1009 Datasheet
740Kb / 19P
   HIGH-SPEED SAMPLE AND HOLD AMPLIFIERS
logo
Murata Power Solutions ...
SHM-4860 MURATA-PS-SHM-4860 Datasheet
143Kb / 4P
   Industry-Standard, High-Speed 짹0.01% Sample-Hold Amplifiers
logo
List of Unclassifed Man...
SHM-4860 ETC2-SHM-4860 Datasheet
44Kb / 3P
   Industry-Standard, High-Speed 짹0.01% Sample-Hold Amplifiers
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
   SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
   Sample and Hold Amplifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com