Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17LV010-10DP-M Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT17LV010-10DP-M
Description  Space FPGA Configuration EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17LV010-10DP-M Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT17LV010-10DP-M Datasheet HTML 3Page - ATMEL Corporation AT17LV010-10DP-M Datasheet HTML 4Page - ATMEL Corporation AT17LV010-10DP-M Datasheet HTML 5Page - ATMEL Corporation AT17LV010-10DP-M Datasheet HTML 6Page - ATMEL Corporation AT17LV010-10DP-M Datasheet HTML 7Page - ATMEL Corporation AT17LV010-10DP-M Datasheet HTML 8Page - ATMEL Corporation AT17LV010-10DP-M Datasheet HTML 9Page - ATMEL Corporation AT17LV010-10DP-M Datasheet HTML 10Page - ATMEL Corporation AT17LV010-10DP-M Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
A717LV010-10DP
4265B–AERO–06/04
AC Characteristics
V
CC = 3.3V ± 0.3V
Notes:
1. AC test lead = 50 pF.
2. Float delays are measured with 5 pF AC loads. Transition is measured ± 200 mV
from steady-state active levels.
AC Characteristics when
Cascading
V
CC = 3.3V ± 0.3V
Notes:
1. AC test lead = 50 pF.
2. Float delays are measured with 5 pF AC loads. Transition is measured ± 200 mV
from steady-state active levels.
Symbol
Description
Military
Units
Min
Max
TOE
(1)
OE to Data Delay
55
ns
TCE
(1)
CE to Data Delay
60
ns
T
CAC
(1)
CLK to Data Delay
60
ns
TOH
Data Hold from CE, OE, or CLK
0
ns
TDF
(2)
CE or OE to Data Float Delay
50
ns
T
LC
CLK Low Time
25
ns
THC
CLK High Time
25
ns
TSCE
CE Setup Time to CLK
(to guarantee proper counting)
35
ns
THCE
CE Hold Time from CLK
(to guarantee proper counting)
0ns
THOE
OE High Time (guarantees counter is reset)
25
ns
F
MAX
Maximum Clock Frequency
10
MHz
Symbol
Description
Military
Units
Min
Max
TCDF
(2)
CLK to Data Float Delay
50
ns
TOCK
(1)
CLK to CEO Delay
55
ns
TOCE
(1)
CE to CEO Delay
40
ns
TOOE
(1)
RESET/OE to CEO Delay
40
ns
F
MAX
Maximum Clock Frequency
10
MHz


Similar Part No. - AT17LV010-10DP-M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV010-10DP-MQ ATMEL-AT17LV010-10DP-MQ Datasheet
145Kb / 11P
   Space FPGA Configuration EEPROM
AT17LV010-10DP-MQ ATMEL-AT17LV010-10DP-MQ Datasheet
137Kb / 15P
   MICROCIRCUIT, MEMORY, DIGITAL, CMOS, 1 MEGABIT SERIAL EEPROM, MONOLITHIC SILICON
More results

Similar Description - AT17LV010-10DP-M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17LV010-10DP ATMEL-AT17LV010-10DP_05 Datasheet
145Kb / 11P
   Space FPGA Configuration EEPROM
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
   FPGA Configuration EEPROM
AT69170E ATMEL-AT69170E Datasheet
353Kb / 28P
   Space FPGA Configuration Memory
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17C002 ATMEL-AT17C002 Datasheet
255Kb / 19P
   FPGA Configuration EEPROM Memory
AT17LV65 ATMEL-AT17LV65_14 Datasheet
676Kb / 23P
   FPGA Configuration EEPROM Memory
AT17C002A ATMEL-AT17C002A Datasheet
242Kb / 14P
   FPGA Configuration EEPROM Memory
AT17LV256 ATMEL-AT17LV256 Datasheet
221Kb / 24P
   FPGA Configuration EEPROM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com