Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK3732-07STR Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # MK3732-07STR
Description  ADSL VCXO CLOCK SOURCE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3732-07STR Datasheet(HTML) 5 Page - Integrated Circuit Systems

  MK3732-07STR Datasheet HTML 1Page - Integrated Circuit Systems MK3732-07STR Datasheet HTML 2Page - Integrated Circuit Systems MK3732-07STR Datasheet HTML 3Page - Integrated Circuit Systems MK3732-07STR Datasheet HTML 4Page - Integrated Circuit Systems MK3732-07STR Datasheet HTML 5Page - Integrated Circuit Systems MK3732-07STR Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ADSL VCXO CLOCK SOURCE
MDS 3732-07 F
5
Revision 100102
Integrated Circuit Systems, Inc. q 525 Race Street, San Jose, CA 95126 q tel (408) 295-9800 q
www.icst.com
MK3732-07
AC Electrical Characteristics
VDD = 3.3V ±5%, Ambient Temperature 0 to +70
° C, unless stated otherwise
Note 1: External pullable crystal must conform with those listed in application note MAN05
Thermal Characteristics
Input Low Voltage, trinary input
VIL
S0
0.5
V
Operating Supply Current
IDD
No load
12
mA
Short Circuit Current
IOS
±50
mA
Input Capacitance
S2:S0, OE
5
pF
Frequency synthesis error
Both clocks
0
ppm
VIN, VCXO Control Voltage
VIA
03.3
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Crystal Frequency
fin
13.248
MHz
Output Clock Rise Time
tOR
0.8 to 2.0V
1.5
ns
Output Clock Fall Time
tOF
2.0 to 0.8V
1.5
ns
Output Clock Duty
Cycle
tD
At VDD/2
40
60
%
Maximum Absolute
Jitter
tj
±150
ps
Phase Noise, relative to
carrier
10 kHz offset
-115
dBc/Hz
Output pullability, note 1
fP
0V < VIN < 3.3V
±100
ppm
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
120
°C/W
θ
JA
1 m/s air flow
115
°C/W
θ
JA
3 m/s air flow
105
°C/W
Thermal Resistance Junction to Case
θ
JC
58
°C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units


Similar Part No. - MK3732-07STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
   ADSL Clock Source
MK3732-08R ICST-MK3732-08R Datasheet
60Kb / 4P
   ADSL Clock Source
MK3732-08RI ICST-MK3732-08RI Datasheet
60Kb / 4P
   ADSL Clock Source
MK3732-08RITR ICST-MK3732-08RITR Datasheet
60Kb / 4P
   ADSL Clock Source
MK3732-08RTR ICST-MK3732-08RTR Datasheet
60Kb / 4P
   ADSL Clock Source
More results

Similar Description - MK3732-07STR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3732-17 ICST-MK3732-17 Datasheet
99Kb / 6P
   ADSL VCXO CLOCK SOURCE
logo
Renesas Technology Corp
MK3732-17 RENESAS-MK3732-17 Datasheet
373Kb / 8P
   ADSL VCXO CLOCK SOURCE
050803
logo
Integrated Circuit Syst...
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
   ADSL Clock Source
MK2771-15 ICST-MK2771-15 Datasheet
64Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
   VCXO AND SET-TOP CLOCK SOURCE
051310
logo
Integrated Circuit Syst...
MK2771-13 ICST-MK2771-13 Datasheet
62Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-12 ICST-MK2771-12 Datasheet
69Kb / 4P
   VCXO and Set-Top Clock Source
MK2771-16 ICST-MK2771-16 Datasheet
66Kb / 4P
   VCXO and Set-Top Clock Source
logo
Renesas Technology Corp
MK2772-01 RENESAS-MK2772-01 Datasheet
704Kb / 5P
   VCXO and Set-Top Clock Source
102704
logo
Integrated Circuit Syst...
MK2772-01 ICST-MK2772-01 Datasheet
64Kb / 4P
   VCXO and Set-Top Clock Source
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com