Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4240B-A Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # U4240B-A
Description  AM - RECEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U4240B-A Datasheet(HTML) 2 Page - TEMIC Semiconductors

  U4240B-A Datasheet HTML 1Page - TEMIC Semiconductors U4240B-A Datasheet HTML 2Page - TEMIC Semiconductors U4240B-A Datasheet HTML 3Page - TEMIC Semiconductors U4240B-A Datasheet HTML 4Page - TEMIC Semiconductors U4240B-A Datasheet HTML 5Page - TEMIC Semiconductors U4240B-A Datasheet HTML 6Page - TEMIC Semiconductors U4240B-A Datasheet HTML 7Page - TEMIC Semiconductors U4240B-A Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TELEFUNKEN Semiconductors
U4240B
Rev. A1: 12.07.1995
2 (8)
Pin Description
18
10
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
17
U4240B
93 7721 e
DIP 18
DIP 20
Function
1
1
Mixer output
2
2
Standby switch
3
4
IF amplifier input
4
5
VREF
5
6
Low pass filtering
6
7
AF output
7, 8
8, 9
AGC time constant
9
10
Low pass filtered AF output
10
11
IF output
11
12
Field strength indicator
12
13
Oscillator output
13
14
Oscillator tank reference output
14
15
Oscillator tank input
15
16
VS
16, 17
17, 19
RF input
18
20
GND
3, 18
Not connected
Controlled RF Preamplifier, Pin 7
The RF preamplifier is built up differentially in order to
achieve the best possible large signal handling capability.
Special care was taken to reduce the input stage noise.
Balanced Mixer, Pin 1
The mixer is a double balanced type with a single ended
output.
Controlled Oscillator, Pins 13 and 14
The oscillator employs temperature compensation,
simple varicap and coil connection. The amplitude of the
oscillator is controlled to low values, in order to support
AM varactor diodes. The LO-buffer supports the
U428xBM PLL-family.
Controlled IF Amplifier, Pin 3
The IF amplifier consists of two controlled gain cells
coupled by capacitive means. Internal band pass filtering
reduces higher order products and THD.
AM-IF Output, Pin 10
For AM stereo application and for stop signal generation
by IF counting Pin 10 provides a non limited but ampli-
tude controlled IF signal of about 280 mV.
Balanced Full-Wave Detector, Pin 5
The detector consists of a Gilbert cell that multiplies the
limited carrier signal with the IF output signal and there-
fore employs a full wave rectification. Second or higher
order products at the output are internally low pass
filtered.
AF Amplifier, Pin 6
The AF amplifier has two different outputs. They provide
different output resistances for simplifying applications.
For a high end application Pin 6 provides a 3.5 k
W output
resistor to support a second order low pass filter. Pin 9
provides additional 12 k
W for a simple first order low pass
filter.
AGC, Pin 8
The AGC block generates the AGC voltage that is to be
smoothed at Pin 8. The capacitor at Pin 8 defines the time
constant. The voltage at Pin 8 is buffered to control the
internal gain stages with different delay. The control volt-
age is available at Pin 11 (field strength indication).
Standby Switch, Pin 2
The whole circuit can be powered down by the standby
switch. This mode can be achieved by a dc voltage higher
than 3.5 V at Pin 2.


Similar Part No. - U4240B-A

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
U424 CALOGIC-U424 Datasheet
28Kb / 2P
   N-Channel Dual JFET
logo
Micross Components
U424 MICROSS-U424 Datasheet
276Kb / 1P
   Linear Systems replaces discontinued Siliconix U424
logo
Linear Integrated Syste...
U424 LINEAR-U424 Datasheet
180Kb / 2P
   LOW LEAKAGE LOW DRIFT MONOLITHIC DUAL N-CHANNEL
logo
Micross Components
U424_PDIP MICROSS-U424_PDIP Datasheet
276Kb / 1P
   a high input impedance Monolithic Dual N-Channel JFET
U424_SOIC MICROSS-U424_SOIC Datasheet
276Kb / 1P
   a high input impedance Monolithic Dual N-Channel JFET
More results

Similar Description - U4240B-A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1572T PHILIPS-TDA1572T Datasheet
221Kb / 20P
   AM receiver
May 1992
logo
Micro Analog systems
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
   AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
   AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
   AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
   AM Receiver IC
logo
Siemens Semiconductor G...
TCA440 SIEMENS-TCA440 Datasheet
350Kb / 17P
   AM Receiver Circuit
logo
NXP Semiconductors
TDA1072AT PHILIPS-TDA1072AT Datasheet
256Kb / 21P
   AM receiver circuit
March 1989
logo
TEMIC Semiconductors
TDA1072A TEMIC-TDA1072A Datasheet
253Kb / 8P
   AM Receiver Circuit
logo
Gunter Seniconductor Gm...
TCA440 GSG-TCA440 Datasheet
162Kb / 12P
   AM - Receiver Circuit
logo
Micro Analog systems
MAS9078 MAS-MAS9078 Datasheet
208Kb / 10P
   AM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com