Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4091BM-NFN Datasheet(PDF) 8 Page - ATMEL Corporation

Part # U4091BM-NFN
Description  PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U4091BM-NFN Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button U4091BM-NFN Datasheet HTML 4Page - ATMEL Corporation U4091BM-NFN Datasheet HTML 5Page - ATMEL Corporation U4091BM-NFN Datasheet HTML 6Page - ATMEL Corporation U4091BM-NFN Datasheet HTML 7Page - ATMEL Corporation U4091BM-NFN Datasheet HTML 8Page - ATMEL Corporation U4091BM-NFN Datasheet HTML 9Page - ATMEL Corporation U4091BM-NFN Datasheet HTML 10Page - ATMEL Corporation U4091BM-NFN Datasheet HTML 11Page - ATMEL Corporation U4091BM-NFN Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
U4091BM-N
4666B–CORD–08/04
Clock Output Divider
Adjustment
The Pin OSCOUT is a clock output which is derived from the crystal oscillator. It can be
used to drive a micro-controller or another remote component and thereby reduces the
number of crystals required. The oscillator frequency can be divided by 1, 8, 16, 32. Dur-
ing power-on reset, the divider will be reset to 1 until it is changed by setting the serial
bus.
Table 2. Clock Output
Serial Bus Interface
The circuit is controlled by an external microcontroller through the serial bus.
The serial bus is a bi-directional system consisting of a one-directional clock line (SCL)
which is always driven by the microcontroller, and a bi-directional data-signal line.
It is driven by the microcontroller as well as from the U4091BM-N (see Figure 24 on
page 37).
The serial bus requires external pull-up resistors as only pull-down transistors (Pin SDA)
are integrated.
WRITE
The data is a 12-bit word:
A0 - A3: address of the destination register (0 to 15)
D0 - D7: content of the register
The data line must be stable when the clock is high. Data must be shifted serially.
After 12 clock periods, the write indication is sent. Then, the transfer to the destination
register is (internally) generated by a strobe signal transition of the data line when the
clock is high.
READ
There is a normal and a fast-read cycle.
In the normal read cycle, the microcontroller sends a 4-bit address followed by the read
indicator, then an 8-bit word is read out. The U4091BM-N drives the data line.
The fast read cycle is indicated by a strobe signal. With the following two clocks
the U4091BM-N reads out the status bits RFDO and LIDET which indicate that a ringing
signal or a line signal is present (see Figure 5 on page 11, Figure 6 on page 11 and Fig-
ure 7 on page 11).
DTMF Dialing
The DTMF generator sends a multi-frequency signal through the matrix to the line. The
signal is the result of the sum of two frequencies and is internally filtered. The frequen-
cies are chosen from a low and a high frequency group. The circuit conforms to the
CEPT recommendation concerning DTMF option. Three different levels for the low level
group and two different pre-emphasis (2.5 dB and 3.5 dB) can be chosen by means of
the serial bus (rec. T/CF 46-03).
Attention:
In high gain mode distortion can occur, if AGATX is high and DC mask is low.
CLK[0:1]
Divider
Frequency
01
3.58 MHz
18
447 kHz
216
224 kHz
332
112 kHz


Similar Part No. - U4091BM-NFN

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4091BM-AFN TEMIC-U4091BM-AFN Datasheet
722Kb / 29P
   Programmable Telephone Audio Processor
U4091BM-AFNG3 TEMIC-U4091BM-AFNG3 Datasheet
722Kb / 29P
   Programmable Telephone Audio Processor
logo
ATMEL Corporation
U4091BM-R ATMEL-U4091BM-R Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
U4091BM-RFNG3Y ATMEL-U4091BM-RFNG3Y Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
U4091BM-RFNGY ATMEL-U4091BM-RFNGY Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
More results

Similar Description - U4091BM-NFN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4091BM-R ATMEL-U4091BM-R Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
logo
TEMIC Semiconductors
U3900BM TEMIC-U3900BM Datasheet
762Kb / 34P
   Programmable Telephone Audio Processor
U4091BM TEMIC-U4091BM Datasheet
722Kb / 29P
   Programmable Telephone Audio Processor
U4091B TEMIC-U4091B Datasheet
107Kb / 11P
   Programmable Telephone Audio Processor
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
TEMIC Semiconductors
U3500BM TEMIC-U3500BM Datasheet
226Kb / 17P
   Cordless Telephone Signal Processor
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
   Cordless Telephone Signal Processor
logo
Sanyo Semicon Device
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com