Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS873BNT Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74ALS873BNT
Description  DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS873BNT Datasheet(HTML) 7 Page - Texas Instruments

  SN74ALS873BNT Datasheet HTML 1Page - Texas Instruments SN74ALS873BNT Datasheet HTML 2Page - Texas Instruments SN74ALS873BNT Datasheet HTML 3Page - Texas Instruments SN74ALS873BNT Datasheet HTML 4Page - Texas Instruments SN74ALS873BNT Datasheet HTML 5Page - Texas Instruments SN74ALS873BNT Datasheet HTML 6Page - Texas Instruments SN74ALS873BNT Datasheet HTML 7Page - Texas Instruments SN74ALS873BNT Datasheet HTML 8Page - Texas Instruments SN74ALS873BNT Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SN54ALS873B, SN54AS873A, SN74ALS873B, SN74AS873A
DUAL 4-BIT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SDAS036D – APRIL 1982 – REVISED AUGUST 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tPHZ
tPLZ
tPHL
tPLH
0.3 V
tPZL
tPZH
TEST
S1
Open
Open
Open
tPHL
tPZH
tPZL
Closed
Open
Closed
tPHZ
tPLZ
tPLH
tPHL
LOAD CIRCUIT FOR 3-STATE OUTPUTS
From Output
Under Test
Test Point
R1 = 500
S1
CL = 50 pF
(see Note A)
7 V
Open
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing
Input
Data
Input
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
High-Level
Pulse
Low-Level
Pulse
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
Out-of-Phase
Output
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
3.5 V
3.5 V
0.3 V
0.3 V
VOL
VOH
VOH
VOL
Output
Control
Waveform 1
S1 Closed
(see Note B)
Waveform 2
S1 Open
(see Note B)
0 V
VOH
VOL
3.5 V
In-Phase
Output
0.3 V
tPLH
1.3 V
1.3 V
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
SWITCH POSITION TABLE
R2 = 500
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns.
D. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74ALS873BNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS873BNT TI-SN74ALS873BNT Datasheet
121Kb / 8P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS873BNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS873B TI-SN54ALS873B Datasheet
121Kb / 8P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS880ANT TI-SN74ALS880ANT Datasheet
89Kb / 7P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS880A TI-SN54ALS880A Datasheet
82Kb / 6P
[Old version datasheet]   DUAL 4-BIT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS873 FAIRCHILD-DM74AS873 Datasheet
50Kb / 5P
   Dual 4-Bit D-Type Transparent Latches with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74ALVCH16373 HITACHI-HD74ALVCH16373 Datasheet
48Kb / 11P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SN54ABT16373A TI-SN54ABT16373A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162373 HITACHI-HD74ALVCH162373 Datasheet
53Kb / 12P
   16-bit Transparent D-type Latches with 3-state Outputs
logo
Texas Instruments
SNJ54ABT16373A TI-SNJ54ABT16373A Datasheet
109Kb / 7P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT16373 TI-SN54AHCT16373_06 Datasheet
196Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
54AC16373 TI-54AC16373 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com