Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24C04 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 24C04
Description  CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

24C04 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  24C04 Datasheet HTML 1Page - List of Unclassifed Manufacturers 24C04 Datasheet HTML 2Page - List of Unclassifed Manufacturers 24C04 Datasheet HTML 3Page - List of Unclassifed Manufacturers 24C04 Datasheet HTML 4Page - List of Unclassifed Manufacturers 24C04 Datasheet HTML 5Page - List of Unclassifed Manufacturers 24C04 Datasheet HTML 6Page - List of Unclassifed Manufacturers 24C04 Datasheet HTML 7Page - List of Unclassifed Manufacturers 24C04 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
24C04
Turbo IC, Inc.
Sequential Read
SDA LINE
DEVICE
ADDRESS
DATA n
DATA n +1
DATA n + 2
S
T
O
P
A
C
K
A
C
K
A
C
K
M
S
B
L
S
B
R
/
W
A
C
K
S
T
A
R
T
R
E
A
D
N
O
A
C
K
DATA n + 3
D.C. CHARACTERISTICS
Symbol
Parameter
Condition
Min
Max
Units
I
cc1
Active Vcc Current
READ at 100 KHZ
1.0
MA
I
cc2
Active Vcc Current
WRITE at 100 KHZ
3.0
MA
I
sb1
Standby Current
Vcc = 4.5 v
2.0
uA
Vcc = 5.5 v
2.0
uA
I
il
Input Leakage Current
Vin=Vcc Max
3
uA
I
ol
Output Leakage Current
3
uA
V
il
Input Low Voltage
-1.0
0.8
V
V
ih
Input High Voltage
Vccx0.7
Vcc+0.5
V
V
ol1
Output Low
Vcc=4.5v Iol=2.1 mA
0.4
V
* “Absolute Maximum Ratings” may cause permanent damage to the de-
vice. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operation sec-
tion of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TEMPERATURE
Storage:
-65° C to 150° C
Under Bias:
-55° C to 125° C
ALL INPUT OR OUTPUT VOLTAGES
with respect to Vss
+6 V to -0.3 V
RECOMMENDED OPERATING CONDITIONS
Temperature Range:
Commercial:
0
° C to 70° C
Industrial:
-40
° C to 85° C
Military:
-55
° C to 125° C
Vcc Supply Voltage:
2.7 to 5.5 Volts
Endurance:
100,000 Cycles/Byte (Typical)
Data Retention:
100 Years
PRODUCT INTRODUCTION
ABSOLUTE MAXIMUM RATINGS
7


Similar Part No. - 24C04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
24C04 STMICROELECTRONICS-24C04 Datasheet
125Kb / 16P
   4 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
logo
Estek Electronics Co. L...
24C04 ESTEK-24C04 Datasheet
1Mb / 13P
   8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages
logo
Tiger Electronic Co.,Lt...
24C04 TGS-24C04 Datasheet
399Kb / 15P
   Two-wire Serial EEPROM
logo
ATMEL Corporation
24C04 ATMEL-24C04 Datasheet
257Kb / 20P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
logo
Microchip Technology
24C040-EP MICROCHIP-24C040-EP Datasheet
240Kb / 12P
   4K SPI ??Bus Serial EEPROM
2006
More results

Similar Description - 24C04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TU24C04 ETC2-TU24C04 Datasheet
39Kb / 8P
   CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
24C128 ETC1-24C128 Datasheet
44Kb / 8P
   CMOS I2C 2-WIRE BUS 128K/256K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 16K/32K X 8 BIT EEPROM
24C01 ETC1-24C01 Datasheet
45Kb / 8P
   CMOS I2C 2-WIRE BUS 1K/2K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 128/256 X 8 BIT EEPROM
24C64 ETC-24C64 Datasheet
46Kb / 8P
   CMOS I짼C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
24C08 ETC1-24C08 Datasheet
45Kb / 8P
   CMOS IC 2-WIRE BUS 8K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 1K X 8 BIT EEPROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
logo
Hitachi Semiconductor
HN58C65 HITACHI-HN58C65 Datasheet
152Kb / 16P
   8192-word X 8-bit Electrically Erasable and Programmable CMOS ROM
logo
Integral Corp.
INF8594E INTEGRAL-INF8594E Datasheet
98Kb / 2P
   512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
logo
NXP Semiconductors
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
   512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
logo
Hitachi Semiconductor
HN48016 HITACHI-HN48016 Datasheet
229Kb / 4P
   2048 WORD X 8 BIT ELECTRICALLY ERASABLE AND PROGRAMMABLE ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com