Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5421AEUB Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5421AEUB
Description  Digitally Programmable Precision Voltage Divider for PGAs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5421AEUB Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX5421AEUB Datasheet HTML 1Page - Maxim Integrated Products MAX5421AEUB Datasheet HTML 2Page - Maxim Integrated Products MAX5421AEUB Datasheet HTML 3Page - Maxim Integrated Products MAX5421AEUB Datasheet HTML 4Page - Maxim Integrated Products MAX5421AEUB Datasheet HTML 5Page - Maxim Integrated Products MAX5421AEUB Datasheet HTML 6Page - Maxim Integrated Products MAX5421AEUB Datasheet HTML 7Page - Maxim Integrated Products MAX5421AEUB Datasheet HTML 8Page - Maxim Integrated Products MAX5421AEUB Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Detailed Description
The MAX5420/MAX5421 are digitally programmable pre-
cision voltage dividers for programmable-gain amplifiers.
Operationally, these devices consist of digitally selectable
precision resistor-dividers providing noninverting gains of
1, 2, 4, and 8 for PGA applications (see Functional
Diagram and Figure 1).
The MAX5420/MAX5421 achieve divider ratio accuracy of
0.025% (MAX5420A/MAX5421A), 0.09% (MAX5420B/
MAX5421B) or 0.5% (MAX5420C/MAX5421C).
The end-to-end resistance from H to L is 15k
Ω. The
impedance seen at W is designed to be the same 8k
for divider ratios 2, 4, and 8, ensuring excellent imped-
ance matching and constant switching times. In gain of
+1 configuration, H is internally connected to W with a
typical resistance of 500
Ω.
Matching Resistor (MAX5421)
The MAX5421 includes a matching resistor to compen-
sate for offset voltage due to input bias current of the
op amp. The resistance from MATCH_H to MATCH_L,
equals the resistance seen at W for gains of 2, 4, and 8.
In the gain of +1, an internal switch connects
MATCH_H and MATCH_L. This internal switch matches
the impedance of the switch between H and W.
Digital Interface Operation
The MAX5420/MAX5421 feature a simple two-bit paral-
lel programming interface. D1 and D0 program the
divider ratio setting according to the Logic Control
Truth Table (Table 1). The digital interface is CMOS/TTL
logic compatible.
Applications Information
Programmable-Gain Amplifier
The MAX5420/MAX5421 are ideally suited for high-pre-
cision PGA applications. The typical application circuit
of Figure 3 uses the MAX5421 with matching resistor to
compensate for voltage offset due to op amp input bias
currents. Use the MAX5420 with an ultra-low input bias
current op amp such as the MAX4237 (Figure 4).
Power Supplies and Bypassing
The MAX5420/MAX5421 operate from dual ±5V sup-
plies, or a single +5V supply. For dual supplies, bypass
VDD and VSS with 0.1µF ceramic capacitors to GND.
For single supply, connect VSS to GND and bypass
VDD with a 0.1µF ceramic capacitor to GND.
Ratio
RB
RA
=+
1
_
_
Digitally Programmable Precision
Voltage Divider for PGAs
6
_______________________________________________________________________________________
DIGITAL INPUTS
D1
D0
DIVIDER
RATIO
00
1
01
2
10
4
11
8
Table 1. Logic Control Truth Table
PIN
MAX5420
MAX5421
NAME
FUNCTION
11
VDD
Positive Supply Voltage
22
VSS
Negative Supply Voltage
3
3
GND
Ground
4, 5
4, 5
D0, D1
Digital Control Inputs. Drive D0 and D1 logic high or logic low to set the divider ratio.
See Logic Control Truth Table.
6
8
L
Low Terminal of Resistor-Divider
7
9
W
Resistor-Divider Output
8
10
H
High Terminal of Resistor-Divider
6
MATCH_L
Matching Resistor Low Terminal
7
MATCH_H
Matching Resistor High Terminal
Pin Description


Similar Part No. - MAX5421AEUB

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MAX542 AMD-MAX542 Datasheet
493Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
logo
Maxim Integrated Produc...
MAX542 MAXIM-MAX542 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX542 MAXIM-MAX542 Datasheet
1Mb / 12P
   MAX54X Evaluation Kit
Rev 0; 5/12
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
   256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
MAX5422 MAXIM-MAX5422 Datasheet
229Kb / 13P
   Evaluation Kit
Rev 0; 6/08
More results

Similar Description - MAX5421AEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5430 MAXIM-MAX5430 Datasheet
186Kb / 7P
   /-15V Digitally Programmable Precision Voltage-Dividers for PGAs
Rev 1; 1/02
logo
KOA Speer Electronics, ...
RTXS03T KOA-RTXS03T Datasheet
90Kb / 1P
   precision voltage divider networks
RTXS03TTE5001 KOA-RTXS03TTE5001 Datasheet
197Kb / 1P
   precision voltage divider networks
logo
Catalyst Semiconductor
CAT522_0710 CATALYST-CAT522_0710 Datasheet
237Kb / 15P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT524 CATALYST-CAT524 Datasheet
90Kb / 12P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT522 CATALYST-CAT522_07 Datasheet
236Kb / 15P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT523 CATALYST-CAT523 Datasheet
70Kb / 10P
   Configured Digitally Programmable Potentiometer (DPP): Programmable Voltage Applications
logo
ON Semiconductor
CAT521 ONSEMI-CAT521 Datasheet
213Kb / 13P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2003 Rev. I
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_07 Datasheet
207Kb / 13P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT525 CATALYST-CAT525 Datasheet
82Kb / 12P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com