Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M4Z28-BR00SH Datasheet(PDF) 6 Page - STMicroelectronics

Part # M4Z28-BR00SH
Description  3V NVRAM Supervisor for Up to 8 LPSRAMs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4Z28-BR00SH Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M4Z28-BR00SH Datasheet HTML 2Page - STMicroelectronics M4Z28-BR00SH Datasheet HTML 3Page - STMicroelectronics M4Z28-BR00SH Datasheet HTML 4Page - STMicroelectronics M4Z28-BR00SH Datasheet HTML 5Page - STMicroelectronics M4Z28-BR00SH Datasheet HTML 6Page - STMicroelectronics M4Z28-BR00SH Datasheet HTML 7Page - STMicroelectronics M4Z28-BR00SH Datasheet HTML 8Page - STMicroelectronics M4Z28-BR00SH Datasheet HTML 9Page - STMicroelectronics M4Z28-BR00SH Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
M40Z300AV
6/20
OPERATION
The M40Z300AV, as shown in Figure 6., page 5,
can control up to four (eight, if placed in parallel)
standard low-power SRAMs. These SRAMs must
be configured to have the chip enable input dis-
able all other input signals. Most slow, low-power
SRAMs are configured like this, however many
fast SRAMs are not. During normal operating con-
ditions, the conditioned chip enable (E1CON to
E4CON) output pins follow the chip enable (E) input
pin with timing shown in Figure 7., page 6 and Ta-
ble 7., page 13. An internal switch connects VCC
to VOUT. This switch has a voltage drop of less
than 0.3V (IOUT1).
When VCC degrades during a power failure,
E1CON to E4CON are forced inactive independent
of E. In this situation, the SRAM is unconditionally
write protected as VCC falls below an out-of-toler-
ance threshold (VPFD). For the M40Z300AV, the
THS pin must be tied to ground (as shown in Table
6., page 11).
If chip enable access is in progress during a power
fail detection, that memory cycle continues to com-
pletion before the memory is write protected. If the
memory cycle is not terminated within time tWPT,
E1CON to E4CON are unconditionally driven high,
write protecting the SRAM. A power failure during
a WRITE cycle may corrupt data at the currently
addressed location, but does not jeopardize the
rest of the SRAM's contents. At voltages below
VPFD (min), the user can be assured the memory
will be write protected within the Write Protect
Time (tWPT) provided the VCC fall time exceeds tF
(see Figure 7., page 6).
As VCC continues to degrade, the internal switch
disconnects VCC and connects the internal battery
to VOUT. This occurs at the switchover voltage
(VSO). Below the VSO, the battery provides a volt-
age VOHB to the SRAM and can supply current
IOUT2 (see Table 6., page 11).
When VCC rises above VSO, VOUT is switched
back to the supply voltage. Outputs E1CON to
E4CON are held inactive for tCER (120ms maxi-
mum) after the power supply has reached VPFD,
independent of the E input, to allow for processor
stabilization (see Figure 11., page 12).
Two to Four Decode
The M40Z300AV includes a 2 input (A, B) decoder
which allows the control of up to 4 independent
SRAMs. The Truth Table for these inputs is shown
in Table 2.
Table 2. Truth Table
Figure 7. Address-Decode Time
Note: During system design, compliance with the SRAM timing parameters must comprehend the propagation delay between E1CON -
E4CON.
Inputs
Outputs
E
BA
E1CON
E2CON
E3CON
E4CON
H
X
X
H
HHH
LLLL
H
H
H
LL
H
H
L
H
H
LHLH
HLH
L
HHH
HH
L
AI02551
A, B
E
E1CON - E4CON
tAS
tEDH
tEDL


Similar Part No. - M4Z28-BR00SH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M4Z28-BR00SH STMICROELECTRONICS-M4Z28-BR00SH Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M4Z28-BR00SH STMICROELECTRONICS-M4Z28-BR00SH Datasheet
49Kb / 7P
   ZEROPOWER SNAPHAT Battery
November 1999
M4Z28-BR00SH STMICROELECTRONICS-M4Z28-BR00SH Datasheet
252Kb / 24P
   4 Mbit (512 Kbit x 8) ZEROPOWER SRAM
M4Z28-BR00SH STMICROELECTRONICS-M4Z28-BR00SH Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
M4Z28-BR00SH STMICROELECTRONICS-M4Z28-BR00SH Datasheet
163Kb / 12P
   ZEROPOWER SNAPHAT (BATTERY)
More results

Similar Description - M4Z28-BR00SH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300_07 Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
128Kb / 16P
   NVRAM CONTROLLER for up to EIGHT LPSRAM
STM706T STMICROELECTRONICS-STM706T Datasheet
468Kb / 26P
   3V Supervisor
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com