Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC3564CT-55U Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC3564CT-55U
Description  64K (8192-word x 8-bit) SRAM with OE, CE1, and CE2 Control Pins
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC3564CT-55U Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC3564CT-55U Datasheet HTML 1Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 2Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 3Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 4Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 5Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 6Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 7Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 8Page - Sanyo Semicon Device LC3564CT-55U Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
No. 6635-2/11
LC3564CM, CT-55U/70U
Package Dimensions
unit: mm
3187B-DIP28D
unit: mm
3221-TSOP28A
0.15
18.0
14
15
28
1
(0.75)
1.27
0.4
SANYO: DIP28D
[LC3564CM]
22
281
7
8
21
8.0
0.2
0.125
(0.43)
0.55
SANYO: TSOP28A
[LC3564CT]
Pin Assignments
1
NC
28 VCC
2
A12
27 WE
3
A7
26 CE2
4
A6
25 A8
5
A5
24 A9
6
A4
23 A11
7
A3
22 OE
8
A2
21 A10
9
A1
20 CE1
10
A0
19 I/O8
11
I/O1
18 I/O7
12
I/O2
17 I/O6
13
I/O3
16 I/O5
14
GND
15 I/O4
Top view
A13510
Top view
A13511
SOP28
TSOP28
OE
22
A10
21
A11
23
CE1
20
A9
24
I/O8
19
A8
25
I/O7
18
CE2
26
I/O6
17
WE
27
I/O5
16
VCC
28
I/O4
15
NC
1
GND
14
A12
2
I/O3
13
A7
3
I/O2
12
A6
4
I/O1
11
A5
5
A0
10
A4
6
A1
9
A3
7
A2
8


Similar Part No. - LC3564CT-55U

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3564B SANYO-LC3564B Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BM SANYO-LC3564BM Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BS SANYO-LC3564BS Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BT SANYO-LC3564BT Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC3564BT-10 SANYO-LC3564BT-10 Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
More results

Similar Description - LC3564CT-55U

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC3564B SANYO-LC3564B Datasheet
137Kb / 9P
   64K (8192-word 쨈 8-bit) SRAM with OE, CE1, and CE2 Control Pins
LC35256D-10 SANYO-LC35256D-10 Datasheet
108Kb / 8P
   Dual Control Pins: OE and CE 256K (32768-word X 8-bit) SRAM
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
LC35W256EM SANYO-LC35W256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35V256EM SANYO-LC35V256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com