Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5B35-C-CUSTOM Datasheet(PDF) 4 Page - Analog Devices

Part # 5B35-C-CUSTOM
Description  ISOLATED LINEARIZED 4-WIRE RDT INPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B35-C-CUSTOM Datasheet(HTML) 4 Page - Analog Devices

  5B35-C-CUSTOM Datasheet HTML 1Page - Analog Devices 5B35-C-CUSTOM Datasheet HTML 2Page - Analog Devices 5B35-C-CUSTOM Datasheet HTML 3Page - Analog Devices 5B35-C-CUSTOM Datasheet HTML 4Page - Analog Devices 5B35-C-CUSTOM Datasheet HTML 5Page - Analog Devices 5B35-C-CUSTOM Datasheet HTML 6Page - Analog Devices 5B35-C-CUSTOM Datasheet HTML 7Page - Analog Devices 5B35-C-CUSTOM Datasheet HTML 8Page - Analog Devices 5B35-C-CUSTOM Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
5B35
Rev. 0 | Page 4 of 9
Output, 100 kHz Bandwidth
100 µV rms (0.3 mV peak-peak)
Output, 1 MHz Bandwidth
1.5 mV peak-peak
Output, 5 MHz Bandwidth
6 mV peak-peak
Bandwidth, -3 dB
4 Hz
Output Rise Time, 10% to 90% Span
100 ms
Common-Mode Voltage (CMV)
Input-to-Output, Continuous
1500 V rms, maximum
Input-to-Power, Continuous
1500 V rms, maximum
Output-to-Power, Continuous2
250 V rms, maximum
Transient
ANSI/IEEE C37.90.1-1989
Common Mode Rejection (CMR)
1 k
Ω Source Imbalance, 50/60 Hz
190 dB (180 dB, Model 5B35-04)
Normal Mode Rejection (NMR)
116 dB @ 60 Hz; 108 dB @ 50 Hz
Sensor Excitation Current
100
Ω Pt, 120 Ω Ni
0.25 mA
10
Ω Cu
1.0 mA
Lead Resistance Effect
100
Ω Pt, 120 Ω Ni
±0.00001°C/
10
Ω Cu
±0.0001°C/
Input Protection
Continuous
240 V rms, maximum
Transient
ANSI/IEEE C37.90.1-1989
Output Resistance
25
Voltage Output Protection
Continuous Short to Ground
Output Current Limit
±9 mA
Output Selection Time
6 µs to ±1 mV of Vout @ Cload = 0 to 2,000 pF
Output Enable Control2
Max Logic "0"
+0.8 V
Min Logic "1"
+2.4 V
Max Logic "1"
+100 V
Input Current "0", "1"
0.5 µA
Power Supply Voltage
+5 V dc ±5%
Power Supply Current
15 mA
Power Supply Sensitivity, RTI
±0.2°C/% of Vs
Mechanical Dimensions
2.275" x 2.375" x 0.595"
(57.8 mm x 59.1 mm x 15.1 mm)
Environmental
Temperature Range
Rated Performance
-40°C to +85°C


Similar Part No. - 5B35-C-CUSTOM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B35 AD-5B35_15 Datasheet
697Kb / 9P
   Isolated Linearized 4-Wire RTD Input
REV. 0
More results

Similar Description - 5B35-C-CUSTOM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B35 AD-5B35_15 Datasheet
697Kb / 9P
   Isolated Linearized 4-Wire RTD Input
REV. 0
3B34 AD-3B34_15 Datasheet
399Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
5B34 AD-5B34 Datasheet
697Kb / 8P
   Isolated Linearized RTD Input
REV. 0
7B34 AD-7B34 Datasheet
549Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
5B47 AD-5B47 Datasheet
703Kb / 8P
   Isolated, Linearized Thermocouple Input
REV. 0
3B34 AD-3B34 Datasheet
358Kb / 8P
   Isolated, Linearized RTD Input
REV. 0
7B47 AD-7B47 Datasheet
540Kb / 8P
   Isolated, Linearized Thermocouple Input
REV. 0
5B47 AD-5B47_15 Datasheet
699Kb / 8P
   Isolated, Linearized Thermocouple Input
REV. 0
7B47 AD-7B47_15 Datasheet
541Kb / 8P
   Isolated, Linearized Thermocouple Input
REV. 0
3B47 AD-3B47 Datasheet
347Kb / 8P
   Isolated, Linearized, Thermocouple Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com