Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS84118B-150 Datasheet(PDF) 6 Page - GSI Technology

Part # GS84118B-150
Description  256K x 18 Sync Cache Tag
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS84118B-150 Datasheet(HTML) 6 Page - GSI Technology

Back Button GS84118B-150 Datasheet HTML 2Page - GSI Technology GS84118B-150 Datasheet HTML 3Page - GSI Technology GS84118B-150 Datasheet HTML 4Page - GSI Technology GS84118B-150 Datasheet HTML 5Page - GSI Technology GS84118B-150 Datasheet HTML 6Page - GSI Technology GS84118B-150 Datasheet HTML 7Page - GSI Technology GS84118B-150 Datasheet HTML 8Page - GSI Technology GS84118B-150 Datasheet HTML 9Page - GSI Technology GS84118B-150 Datasheet HTML 10Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Rev: 1.05 7/2001
6/30
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS84118T/B-166/150/130/100
Functional Block Diagram
A1
A0
A0
A1
D0
D1
Q1
Q0
BINARY
COUNTER
Load
D
Q
REGISTER
D
Q
Register
D
Q
Register
D
Q
Register
D
Q
Register
D
Q
Register
A0-17
LBO
ADV
CLK
ADSC
ADSP
GW
BWE
BW1
BW2
CE1
CE2
CE3
FT
DQ1-16
OE
ZZ
Powerdown
Control
256K X 18
Memory
Array
18
18
18
18
2
18
A
Q
D
DQP1-2
DE
Match
TAP
Controller
Instruction Reg.
ID Reg.
Bypass Reg
Boundary Scan
Registers
54
TCK
TMS
TDI
A, DQ,
Control
TDO
MOE


Similar Part No. - GS84118B-150

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS84118AB-100 GSI-GS84118AB-100 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-100I GSI-GS84118AB-100I Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-133 GSI-GS84118AB-133 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-150 GSI-GS84118AB-150 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-150I GSI-GS84118AB-150I Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
More results

Similar Description - GS84118B-150

ManufacturerPart #DatasheetDescription
logo
GSI Technology
GS841E18AT GSI-GS841E18AT Datasheet
600Kb / 21P
   256K x 18 Sync Cache Tag
GS84118AT GSI-GS84118AT Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
logo
Cypress Semiconductor
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com