Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5531 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5531
Description  ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5531 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5531 Datasheet HTML 4Page - Maxim Integrated Products MAX5531 Datasheet HTML 5Page - Maxim Integrated Products MAX5531 Datasheet HTML 6Page - Maxim Integrated Products MAX5531 Datasheet HTML 7Page - Maxim Integrated Products MAX5531 Datasheet HTML 8Page - Maxim Integrated Products MAX5531 Datasheet HTML 9Page - Maxim Integrated Products MAX5531 Datasheet HTML 10Page - Maxim Integrated Products MAX5531 Datasheet HTML 11Page - Maxim Integrated Products MAX5531 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Ultra-Low-Power, 12-Bit,
Voltage-Output DACs
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VDD = 5.0V, VREF = 4.096V (MAX5530), VREF = 3.9V (MAX5531), TA = +25°C, unless otherwise noted.)
OUTPUT LARGE-SIGNAL STEP RESPONSE
(VDD = 5V, VREF = 3.9V)
MAX5530 toc19
200µs/div
VOUT
500mV/div
OUTPUT MINIMUM SERIES RESISTANCE
vs. LOAD CAPACITANCE
CAPACITANCE (µF)
10
1
0.1
0.01
0.001
100
200
300
400
500
600
0
0.0001
100
FOR NO OVERSHOOT
MAJOR CARRY OUTPUT VOLTAGE GLITCH
(CODE 7FFh TO 800h)
(VDD = 5V, VREF = 3.9V)
MAX5530 toc22
100µs/div
VOUT
AC-COUPLED
5mV/div
REFERENCE OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
-15
10
3.905
3.910
3.915
3.920
3.925
3.930
3.935
3.940
3.900
-40
85
VDD = 5V
REFERENCE OUTPUT VOLTAGE
vs. REFERENCE OUTPUT CURRENT
REFERENCE OUTPUT CURRENT (µA)
7500
5500
3500
1500
1.215
1.216
1.217
1.218
1.219
1.220
1.214
-500
VDD = 1.8V
REFERENCE OUTPUT VOLTAGE
vs. REFERENCE OUTPUT CURRENT
REFERENCE OUTPUT CURRENT (µA)
14,500
12,000
9500
7000
4500
2000
3.89
3.90
3.91
3.92
3.88
-500
VDD = 5V
REFERENCE OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.5
5.0
4.0 4.5
2.5 3.0 3.5
2.0
1.21732
1.21734
1.21736
1.21738
1.21740
1.21742
1.21744
1.21746
1.21748
1.21750
1.21730
1.5
6.0
NO LOAD
POWER-UP OUTPUT VOLTAGE GLITCH
MAX5530 toc21
20ms/div
VOUT
10mV/div
VDD
2V/div


Similar Part No. - MAX5531

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5531 MAXIM-MAX5531 Datasheet
446Kb / 10P
   MAX5535 Evaluation Kit
Rev 1; 4/08
More results

Similar Description - MAX5531

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
MAX5533 MAXIM-MAX5533 Datasheet
1Mb / 24P
   Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
   5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX5523EUA MAXIM-MAX5523EUA Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
Rev 1; 12/04
MAX5512 MAXIM-MAX5512 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 8-Bit, Voltage-Output DACs
19-3066; Rev 0; 1/04
MAX5522 MAXIM-MAX5522 Datasheet
1Mb / 23P
   Dual, Ultra-Low-Power, 10-Bit, Voltage-Output DACs
19-3064; Rev 1; 12/04
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
MAX5138 MAXIM-MAX5138 Datasheet
360Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com