Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT26F004-MU Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT26F004-MU
Description  4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26F004-MU Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT26F004-MU Datasheet HTML 6Page - ATMEL Corporation AT26F004-MU Datasheet HTML 7Page - ATMEL Corporation AT26F004-MU Datasheet HTML 8Page - ATMEL Corporation AT26F004-MU Datasheet HTML 9Page - ATMEL Corporation AT26F004-MU Datasheet HTML 10Page - ATMEL Corporation AT26F004-MU Datasheet HTML 11Page - ATMEL Corporation AT26F004-MU Datasheet HTML 12Page - ATMEL Corporation AT26F004-MU Datasheet HTML 13Page - ATMEL Corporation AT26F004-MU Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
3588A–DFLSH–10/05
AT26F004
While the device is programming a byte, the Status Register can be read and will indicate that
the device is busy. For faster throughput, it is recommended that the Status Register be polled at
the end of each program cycle rather than waiting the t
BP time to determine if the byte has fin-
ished programming before starting the next Sequential Byte Program mode cycle.
Figure 8-2.
Sequential Byte Program Mode – Status Register Polling
Figure 8-3.
Sequential Byte Program Mode – Waiting Maximum Byte Program Time
CS
SI
SO
AFh
A23-16
A15-8
A7-0
05h
Data
HIGH-IMPEDANCE
AFh
Data
05h
04h
AFh
Data
05h
STATUS REGISTER
DATA
STATUS REGISTER
DATA
STATUS REGISTER
DATA
Seqeuntial Program Mode
Command
First Address to Program
Status Register Read
Command
Write Disable
Command
Seqeuntial Program Mode
Command
Seqeuntial Program Mode
Command
Note: Each transition
shown for SI represents one byte (8 bits)
CS
SI
SO
AFh
A23-16
A15-8
A7-0
Data
HIGH-IMPEDANCE
AFh
Data
04h
AFh
Data
Seqeuntial Program Mode
Command
First Address to Program
Write Disable
Command
Seqeuntial Program Mode
Command
Seqeuntial Program Mode
Command
Note: Each transition
shown for SI represents one byte (8 bits)
tBP
tBP
tBP


Similar Part No. - AT26F004-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26F004-MU ATMEL-AT26F004-MU Datasheet
614Kb / 38P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004-MU ATMEL-AT26F004-MU Datasheet
724Kb / 38P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results

Similar Description - AT26F004-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26F004 ATMEL-AT26F004_08 Datasheet
724Kb / 38P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004 ATMEL-AT26F004_06 Datasheet
614Kb / 38P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF041A ATMEL-AT25DF041A_07 Datasheet
736Kb / 41P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161A ATMEL-AT26DF161A_07 Datasheet
703Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161 Datasheet
486Kb / 31P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161_06 Datasheet
577Kb / 35P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A_07 Datasheet
661Kb / 40P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A ATMEL-AT26DF081A Datasheet
603Kb / 36P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161_08 Datasheet
607Kb / 34P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF321 ATMEL-AT25DF321 Datasheet
786Kb / 37P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com