Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1731-8.4 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTC1731-8.4
Description  LITHIUM - LON LINEAR BATTERY CHARGER CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC1731-8.4 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTC1731-8.4 Datasheet HTML 1Page - Lite-On Technology Corporation LTC1731-8.4 Datasheet HTML 2Page - Lite-On Technology Corporation LTC1731-8.4 Datasheet HTML 3Page - Lite-On Technology Corporation LTC1731-8.4 Datasheet HTML 4Page - Lite-On Technology Corporation LTC1731-8.4 Datasheet HTML 5Page - Lite-On Technology Corporation LTC1731-8.4 Datasheet HTML 6Page - Lite-On Technology Corporation LTC1731-8.4 Datasheet HTML 7Page - Lite-On Technology Corporation LTC1731-8.4 Datasheet HTML 8Page - Lite-On Technology Corporation LTC1731-8.4 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1731-8.2/LTC1731-8.4
sn1731 17318fs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VASD
Automatic Shutdown Threshold Voltage
(VCC – VBAT) Falling
30
54
90
mV
(VCC – VBAT) Rising
40
69
100
mV
VDIS
Voltage Mode Disable Threshold Voltage
VDIS = (VCC – VTIMER)
q
0.4
V
IPROG
PROG Pin Current
Internal Pull-Up Current, No RPROG
2.5
µA
PROG Pin Load Regulation
PROG Pin Source Current,
∆VPROG ≤ 5mV
q
300
µA
VPROG
PROG Pin Voltage
RPROG =19.6k
2.457
V
ICHRG
CHRG Pin Weak Pull-Down Current
VCHRG = 1V
50
100
150
µA
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA
0.6
1.2
V
IC/10
End of Charge Indication Current Level
RPROG = 19.6k, RSENSE = 0.2Ω
q
25
50
100
mA
tTIMER
TIMER Accuracy
CTIMER = 0.01µF10
%
VCLAMP
DRV Pin Clamp Voltage
VCLAMP = VCC – VDRV, IDRIVE = 50µA
6.5
V
ELECTRICAL CHARACTERISTICS
Note 2: The LTC1731E-8.2/LTC1731E-8.4 are guaranteed to meet
performance specifications from 0
°C to 70°C. Specifications over the
–40
°C to 85°C operating temperature range are assured by design,
characterization and correlation with statistical process controls. Consult
factory for I grade parts.
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 9V unless otherwise noted.
TYPICAL PERFOR A CE CHARACTERISTICS
VCC (V)
9
10
11
12
1731 G01
60
55
50
45
40
RPROG = 19.6K
RSENSE = 0.2Ω
VBAT = 4V
TA = 25°
Trickle Charge Current
vs VCC
60
55
50
45
40
TEMPERATURE (
°C)
–50
100
1731 G06
050
–25
25
75
125
RPROG = 19.6K
RSENSE = 0.2Ω
VBAT = 4V
VCC = 9V
VCC (V)
9
10
11
12
1731 G08
4.96
4.95
4.94
4.93
4.92
4.91
4.90
4.89
4.88
RPROG = 19.6K
TA = 25°
Trickle Charge Current
vs Temperature
Trickle Charge Threshold Voltage
vs VCC


Similar Part No. - LTC1731-8.4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1731-8.4 LINER-LTC1731-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.4 LINER-LTC1731-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.4 LINER-LTC1731-8.4_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results

Similar Description - LTC1731-8.4

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9501A RICHTEK-RT9501A Datasheet
205Kb / 9P
   Advanced Lithium-lon Linear Battery Charger
logo
Linear Technology
LTC1732-8.4 LINER-LTC1732-8.4 Datasheet
148Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4.2 LINER-LTC1732-4.2_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-8.4 LINER-LTC1731ES8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4 Datasheet
169Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.4 LINER-LTC1731-8.4_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-8.4 LINER-LTC1732-8.4_15 Datasheet
160Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1732-4 LINER-LTC1732-4_15 Datasheet
181Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731ES8-84 LINER-LTC1731ES8-84 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731-8.2 LINER-LTC1731-8.2_15 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com