Electronic Components Datasheet Search |
|
IDT72275L15PF Datasheet(PDF) 8 Page - Integrated Device Technology |
|
IDT72275L15PF Datasheet(HTML) 8 Page - Integrated Device Technology |
8 / 25 page 8 COMMERCIAL TEMPERATURE RANGE IDT72275/72285 SUPERSYNC FIFO™ 32,768 x 18, 65,536 x 18 Number of Words in FIFO 0 1 to n (1) (n+1) to 16,384 16,385 to (32,768-(m+1)) (32,768-m)(2) to 32,767 32,768 0 1 to n (1) (n+1) to 32,768 32,769 to (65,536-(m+1)) (65,536-m)(2) to 65,535 65,536 TABLE II –– STATUS FLAGS FOR FWFT MODE 72275 72285 HH H L L HH H L H HH H H H HH L H H HL L H H LL L H H TABLE I –– STATUS FLAGS FOR IDT STANDARD MODE 4674 drw 05 0 1 to n+1(1) (n+2) to 16,385 (32,769-m) (2) to 32,768 32,769 0 1 to n+1(1) (n+2) to 32,769 32,770 to (65,537-(m+1)) (65,537-m) (2) to 65,536 65,537 LH H L H LH H L L L H HHL LH L H L LLL H L HL L H L 72275 72285 Number of Words in FIFO (1) 16,386 to (32,769-(m+1)) NOTES: 1. n = Empty Offset, Default Values: n = 127 when parallel offset loading is selected or n = 1,023 when serial offset loading is selected. 2. m = Full Offset, Default Values: m = 127 when parallel offset loading is selected or m = 1,023 when serial offset loading is selected. NOTES: 1. n = Empty Offset, Default Values: n = 127 when parallel offset loading is selected or n = 1,023 when serial offset loading is selected. 2. m = Full Offset, Default Values: m = 127 when parallel offset loading is selected or m = 1,023 when serial offset loading is selected. PROGRAMMING FLAG OFFSETS Full and Empty Flag offset values are user programmable. The IDT72275/72285 has internal registers for these offsets. Default settings are stated in the footnotes of Table 1 and Table 2. Offset values can be programmed into the FIFO in one of two ways; serial or parallel loading method. The selection of the loading method is done using the LD (Load) pin. During Master Reset, the state of the LD input determines whether serial or parallel flag offset programming is enabled. A HIGH on LD during Master Reset selects serial loading of offset values and in addition, sets a default PAE offset value of 3FFH (a threshold 1,023 words from the empty boundary), and a default PAF offset value of 3FFH (a threshold 1,023 words from the full boundary). A LOW on LD during Master Reset selects parallel loading of offset values, and in addition, sets a default PAE offset value of 07FH (a threshold 127 words from the empty boundary), and a default PAF offset value of 07FH (a threshold 127 words from the full boundary). See Figure 3, Offset Register Location and Default Values. In addition to loading offset values into the FIFO, it also possible to read the current offset values. It is only possible to read offset values via parallel read. Figure 4, Programmable Flag Offset Programming Se- quence, summarizes the control pins and sequence for both serial and parallel programming modes. For a more detailed description, see discussion that follows. The offset registers may be programmed (and repro- grammed) any time after Master Reset, regardless of whether serial or parallel programming has been selected. |
Similar Part No. - IDT72275L15PF |
|
Similar Description - IDT72275L15PF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |