Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN3370K Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AN3370K
Description  Flying-Erase IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN3370K Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN3370K Datasheet HTML 1Page - Panasonic Semiconductor AN3370K Datasheet HTML 2Page - Panasonic Semiconductor AN3370K Datasheet HTML 3Page - Panasonic Semiconductor AN3370K Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ICs for VCR
AN3370K
Pin No.
Pin name
Description
I/O
impedance
Equivalent circuit
Typ. waveform
1
2
3
4
5
6
7
8
9
10
Power supply
Output pin
GND
Oscillation
input pin
Reference
voltage pin
Oscillation
feedback pin
Oscillation
output pin
High-frequency current
3M
60k
10k
NPN Tr
emitter
NPN Tr
emitter
3k
6.2k
6V
3.4V
6V
1
30k
30k
2
30k
30k
5
3
5
3
10k
10k
7
2V
6V
8
9
3k
10
6.2k
8
Flying erase
control pin
Flying erase ON/OFF control pin.
ON when 3.5V or more is applied,
and OFF when 0.8V or less is
applied.
Feedback pin to obtain a DC volt-
age by filtering an output signal
via an external capacitor
Do not apply a voltage from the
external.
Power supply pin.
Apply 12V typically from the
external.
Generates a reference voltage of
1/2 VCC (approx. 6V)
A signal from Pin10 oscillation
output is divided by the capacitor
and is fed back.
Oscillates at the frequency deter-
mined by L, C of the Pins8, 9, 10
It is possible to change the current
which can be taken out of an out-
put,
by
varying
the
resistor
between this pin and GND.
Feedback pin
s Pin Descriptions


Similar Part No. - AN3370K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3371 STMICROELECTRONICS-AN3371 Datasheet
427Kb / 45P
   Using the hardware real-time clock
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
logo
STMicroelectronics
AN3372 STMICROELECTRONICS-AN3372 Datasheet
1Mb / 37P
   This note describes digital ballast for 70 W HID lamps
AN3373 STMICROELECTRONICS-AN3373 Datasheet
1Mb / 18P
   PM8803 is a highly integrated device embedding
AN3375 STMICROELECTRONICS-AN3375 Datasheet
695Kb / 73P
   CR95HF library for ISO15693 and Dual Interface EEPROM products
More results

Similar Description - AN3370K

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7745FS ROHM-BA7745FS Datasheet
96Kb / 8P
   VCR Hi-Fi audio signal REC / PB amplifier with flying-erase oscillator
logo
Texas Instruments
TMS29F040 TI1-TMS29F040_08 Datasheet
480Kb / 37P
[Old version datasheet]   Erase-Suspend/Erase-Resume Operation
logo
ATMEL Corporation
AT45CS1282 ATMEL-AT45CS1282_14 Datasheet
260Kb / 33P
   Sector Erase Architecture
AT45DB321C ATMEL-AT45DB321C_14 Datasheet
748Kb / 40P
   Automated Erase Operations
logo
3M Electronics
906B 3M-906B Datasheet
202Kb / 2P
   Repulpable Flying Splice Tape
logo
Greystone Energy System...
TXFL GREYSTONE-TXFL Datasheet
296Kb / 2P
   FLYING LEAD TEMPERATURE TRANSMITTER
PS-TSFL GREYSTONE-PS-TSFL Datasheet
167Kb / 1P
   FLYING LEAD TEMPERATURE SENSOR
02/20
logo
Nuvotem Talema
AZ-0500 TALEMA-AZ-0500 Datasheet
316Kb / 2P
   Flying Lead Current Transformers
logo
Greystone Energy System...
TLFL GREYSTONE-TLFL Datasheet
268Kb / 2P
   FLYING LEAD LOW LIMIT THERMOSTAT
logo
Megawin Technology Co.,...
MG64F237 MEGAWIN-MG64F237 Datasheet
1Mb / 68P
   Flash write/erase cycle
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com