Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS88C01624 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KS88C01624
Description  8-bit single-chip CMOS microcontrollers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KS88C01624 Datasheet(HTML) 3 Page - Samsung semiconductor

  KS88C01624 Datasheet HTML 1Page - Samsung semiconductor KS88C01624 Datasheet HTML 2Page - Samsung semiconductor KS88C01624 Datasheet HTML 3Page - Samsung semiconductor KS88C01624 Datasheet HTML 4Page - Samsung semiconductor KS88C01624 Datasheet HTML 5Page - Samsung semiconductor KS88C01624 Datasheet HTML 6Page - Samsung semiconductor KS88C01624 Datasheet HTML 7Page - Samsung semiconductor KS88C01624 Datasheet HTML 8Page - Samsung semiconductor KS88C01624 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
S3C80F7/C80F9/C80G7/C80G9 (KS88C01524/C01532/C01624/C01632)
PRODUCT OVERVIEW
1-3
BLOCK DIAGRAM
Port 0
P0.0-0.3 (INT0-INT3)
P0.4-P0.7 (INT4)
I/O Port and Interrupt
Control
32K-Bytes
ROM
317-Bytes
Register
File
SAM87RC
CPU
Port 1
P2.0-2.3 (INT5-INT8)
Port 4
P4.0-4.7
LVD
P1.0-P1.7
TEST
RESET
MAIN
OSC
8-Bit
Basic
Timer
8-Bit
Timer/
Counter
16-Bit
Timer/
Counter
VDD
Carrier
Registor
(Counter A)
XOUT
XIN
Port 3
Port 2
P2.4-2.7 (INT9)
P3.0-T0PWM/
T0CAP/(T1CAP)
P3.1-REM/(T0CK)
P3.2/(T0CK)
P3.3/(T1CAP)
P3.4-3.5
Figure 1-1. Block Diagram


Similar Part No. - KS88C01624

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS88C01004 SAMSUNG-KS88C01004 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01008 SAMSUNG-KS88C01008 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01016 SAMSUNG-KS88C01016 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01104 SAMSUNG-KS88C01104 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
KS88C01108 SAMSUNG-KS88C01108 Datasheet
117Kb / 18P
   KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
More results

Similar Description - KS88C01624

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
   CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 NXP-80C652 Datasheet
191Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 PHILIPS-80C652 Datasheet
439Kb / 25P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
83C652 PHILIPS-83C652 Datasheet
185Kb / 22P
   CMOS single-chip 8-bit microcontrollers
1997 Dec 05
logo
Samsung semiconductor
S3C9688 SAMSUNG-S3C9688 Datasheet
615Kb / 209P
   8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
80C453 PHILIPS-80C453 Datasheet
262Kb / 23P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 15
80C32 PHILIPS-80C32 Datasheet
663Kb / 62P
   CMOS single-chip 8-bit microcontrollers
1996 Aug 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com